Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMP1320 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part No. SMP1320
Description  Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SMP1320 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SMP1320 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
August 7, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200047Q
Typical Performance Characteristics
0.1
0.01
0.1
1
10
100
1
10
100
Forward Current (mA)
Figure 1. Series Resistance vs Current @ 100 MHz
Reverse Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0
1
2
5
10
20
50
Figure 3. Capacitance vs Reverse Voltage
(1 MHz to 1 GHz)
400
500
600
700
800
900
1000
0.1
0.01
1
10
100
Forward Voltage (mV)
Figure 2. DC Characteristics
0
500
1000
1500
2000
0
100
200
300
400
500
600
Frequency (MHz)
0 V
10 V
40 V
Figure 4. Conductance vs Frequency and Reverse Voltage


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn