Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9610BGQW Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9610BGQW
Description  High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9610BGQW Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9610BGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9610BGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9610A/B
2
DS9610A/B-06
September 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Marking Information
26=YM
DNN
26= : Product Code
YMDNN : Date Code
RT9610AGQW
RT9610BGQW
20 : Product Code
W : Date Code
RT9610AZQW
RT9610BZQW
26 YM
DNN
26 : Product Code
YMDNN : Date Code
20 : Product Code
W : Date Code
20W
20W
Ordering Information
Pin Configurations
(TOP VIEW)
WQFN-8L 3x3
RT9610A
WDFN-8L 2x2
RT9610B
EN
BOOT
PHASE
VCC
LGATE
GND
PWM
UGATE
7
6
5
1
2
3
4
8
9
PWM
BOOT
EN
VCC
6
5
7
8
1
2
4
3
GND
9
RT9610A/B
Package Type
QW : WQFN-8L 3x3 (W-Type)
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
A : WQFN-8L 3x3
B : WDFN-8L 2x2
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.


Similar Part No. - RT9610BGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
RT9610CGQW RICHTEK-RT9610CGQW Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9610BGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
DS9610B RICHTEK-DS9610B Datasheet
156Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9627A RICHTEK-RT9627A Datasheet
197Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver for Notebook Computer
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com