Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9610AGQW Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9610AGQW
Description  High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9610AGQW Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9610AGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9610AGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9610A/B
®
DS9610A/B-06
September 2015
www.richtek.com
1
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Features
Drives Two N-MOSFETs
Adaptive Shoot-Through Protection
0.5
Ω
Ω
Ω
Ω
Ω On-Resistance, 4A Sink Current Capability
Supports High Switching Frequency
Tri-State PWM Input for Power Stage Shutdown
Output Disable Function
Integrated Boost Switch
Low Bias Supply Current
VCC POR Feature Integrated
Small 8-Lead WQFN and WDFN Packages
RoHS Compliant and Halogen Free
Applications
Core Voltage Supplies for Intel® / AMD® Mobile
Microprocessors
High Frequency Low Profile DC/DC Converters
High Current Low Output Voltage DC/DC Converters
High Input Voltage DC/DC Converters
High Voltage Synchronous Rectified Buck MOSFET Driver
for Notebook Computer
General Description
The RT9610A/B is a high frequency, dual MOSFET driver
specifically designed to drive two power N-MOSFETS in
a synchronous-rectified buck converter topology. It is
especially suited for mobile computing applications that
require high efficiency and excellent thermal performance.
This driver, combined with Richtek's series of multi-phase
Buck PWM controllers, provides a complete core voltage
regulator solution for advanced microprocessors.
The drivers are capable of driving a 3nF load with fast
rising/falling time and fast propagation delay. This device
implements bootstrapping on the upper gates with only a
single external capacitor. This reduces implementation
complexity and allows the use of higher performance, cost
effective, N-MOSFETs. Adaptive shoot through protection
is integrated to prevent both MOSFETs from conducting
simultaneously.
The RT9610A/B is available in WQFN-8L 3x3 and
WDFN-8L 2x2 Packages.
Simplified Application Circuit
VCC
PWM
GND
BOOT
UGATE
PHASE
LGATE
RT9610A/B
VCC
PWM
VCORE
EN
VIN
Chip Enable


Similar Part No. - RT9610AGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
RT9610CGQW RICHTEK-RT9610CGQW Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9610AGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
DS9610B RICHTEK-DS9610B Datasheet
156Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9627A RICHTEK-RT9627A Datasheet
197Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver for Notebook Computer
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com