Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C02-2GI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS24C02-2GI
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C02-2GI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS24C02-2GI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C02-2GI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
RANDOM ADDRESS READ
SDA
Bus
Activity
A
C
K
A
C
K
A
C
K
Data n
Word
Address (n)
Device
Address
DUMMY WRITE
Device
Address
S
T
A
R
T
W
R
I
T
E
R
E
A
D
S
T
A
R
T
S
T
O
P
M
S
B
L
S
B
N
O
A
C
K
R/W
PAGE WRITE
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
W
R
I
T
E
A
C
K
A
C
K
A
C
K
A
C
K
Data (n+1)
Data (n)
Word Address (n)
Device
Address
S
T
O
P
A
C
K
Data (n+P*)
R/W
* P = 7 for IS24C01 and IS24C02
P = 15 for IS24C04, IS24C08 and IS24C16
CURRENT ADDRESS READ
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
N
O
A
C
K
R
E
A
D
S
T
O
P
A
C
K
Data
Device
Address
R/W


Similar Part No. - IS24C02-2GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C02-2GI ISSI-IS24C02-2GI Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C02-2GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com