Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REL150-4004 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # REL150-4004
Description  150 Watt Open Frame Switching Power Supply with PFC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL150-4004 Datasheet(HTML) 3 Page - Astrodyne Corporation

  REL150-4004 Datasheet HTML 1Page - Astrodyne Corporation REL150-4004 Datasheet HTML 2Page - Astrodyne Corporation REL150-4004 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
150 Watt Open Frame Switching Power Supply with PFC
REL150 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
THERMAL PERFORMANCE
CONNECTOR SPECIFICATIONS
P1 AC Input
.156 friction lock header mates with Molex 09-50-3031 crimp terminal
housing with Molex 2478 crimp terminal
P2 DC Output (Single)
6-32 screw down terminal accepts #6 ring tongue terminal
P2 DC Output (Multiple)
.156 friction lock header mates with Molex 09-50-3141 crimp terminal
housing with Molex 2478 crimp terminal
G Ground
.187 quick disconnect terminal
P3 Remote PF Sense
.100 breakaway header mates with Molex 50-57-9008 crimp terminal
housing with Molex 71851 crimp terminal
P3 P.F Sense (Multiple
.100 breakaway header mates with Molex 22-55-2061 crimp terminal
housing with Molex 70058 crimp terminal
P4 Remote l (Multiple)
.100 breakaway header mates with Molex 50-57-9002 crimp terminal
housing with Molex 71851 crimp terminal
OPEN FRAME
P2-
(-)OUTPUT 1
P2+
(+)OUTPUT 1
V1 ADJUST
P3
1(+) OUTPUT 1
2(+) SENSE
3(-)
SENSE
4(-)
OUTPUT 1
5(-)
P.F. RTN
6(+) P.F. SIG
7(+) REMOTE
8(-)
REMOTE
.128 DIA
MTG HOLE
4 PLACES
P4
1(+) REMOTE
2(-)
REMOTE
RETURN
P2
1(-)
OUTPUT 4
2(+) OUTPUT 4
3(-)
OUTPUT 3
4(+) OUTPUT 3
5(-)
OUTPUT 2
6(-)
OUTPUT 2
7(+) OUTPUT 2
8(+) OUTPUT 2
9(-)
OUTPUT 1
10 (-)OUTPUT 1
11 (-)OUTPUT 1
12 (+) OUTPUT 1
13 (+) OUTPUT 1
14 (+) OUTPUT 1
P3
1(+) OUTPUT 1
2(+) SENSE
3(-)
OUTPUT 1
4(-)
SENSE
5(-)
P.F. RTN
6(+) P.F. SIG
V1 ADJUST
6.00 (152.4)
5.70 (144.8)
3.83 (97.3)
.15 (3.8)
3.53 (89.7)
.70 (17.8)
4.34 (110.2)
1.32 (33.5) Max
.75 (19.1)
1.13 (28.7)
AC
INPUT
GND
L
N
P1
SINGLE OUTPUT MODEL
MULTIPLE OUTPUT MODEL
AC
INPUT
GND
L
N
P1
1
3
2
4
P4
P2
P3
1
P2 -
P2 +
P3
1
1
OPTIONAL CHASSIS/COVER
5.70 (144.8)
.68 (17.2)
1.48 (37.6)
4-40
MOUNTING HOLE
(2 PLACES)
4-40
MOUNTING HOLE
(4 PLACES)
6.25 (158.8)
5.70 (144.8)
3.96 (100.5)
3.53 (89.7)
AC
INPUT
GND
L
N
P1
1
3
2
4
P4
P2
P3
1
ALLDIMENSIONSININCHES (MM)
1 – Optimum2 – Good3 – Good4 - Fair
Ambient Temperature, (C)
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS / COVER
FORCED AIR COOLING
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS / COVER
FORCED AIR COOLING
RECOMMENDED AIR FLOW DIRECTION


Similar Part No. - REL150-4004

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL150-4004 ASTRODYNE-REL150-4004 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
More results

Similar Description - REL150-4004

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com