Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REL185-4002 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # REL185-4002
Description  185 Watt Open Frame Switching Power Supply with PFC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL185-4002 Datasheet(HTML) 1 Page - Astrodyne Corporation

  REL185-4002 Datasheet HTML 1Page - Astrodyne Corporation REL185-4002 Datasheet HTML 2Page - Astrodyne Corporation REL185-4002 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
185 Watt Open Frame Switching Power Supply with PFC
REL185 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
185 Watts Output Power
Universal 85-265VAC Input
1, 2, 3, and 4 Outputs
Active Power Factor Correction
2.5VDC to 48VDC Outputs
Model Number
Output #1
Output #2
Output #3
Output #4
SINGLE OUTPUT
REL185-1001
2.5V/37A
REL185-1002
3.3V/37A
REL185-1003
5V/37A
REL185-1004
12V/15A
REL185-1005
15V/12A
REL185-1006
24V/7.7A
REL185-1007
28V/6.6A
REL185-1008
48V/3.8A
DUAL OUTPUT
REL185-2001
3.3V/20A
5V/10A
REL185-2002
5V/20A
12V/8A
REL185-2003
5V/20A
24V/4A
REL185-2004
12V/10A
-12V6A
REL185-2005
15V/8A
-15V/5A
TRIPLE OUTPUT
REL185-3001
5V/20A
12V/5A
-12V/3A
REL185-3002
5V/20A
15V/4A
-15V/3A
QUAD OUTPUT
REL185-4001
3.3V/20A
5V/10A
12V/2A
-12V/2A
REL185-4002
5V/20A
3.3V/10A
12V/2A
-12V/2A
REL185-4003
5V/20A
3.3V/10A
15V/2A
-15V/2A
REL185-4004
5V/20A
-5V/10A
12V/2A
-12V/2A
REL185-4005
5V/20A
-5V/10A
15V/2A
-15V/2A
REL185-4006
5V/20A
24V/3A
12V/2A
-12V/2A
REL185-4007
5V/20A
24V/3A
15V/2A
-15V/2A
* Note: An Optional Chassis and Cover is available for these products. Simply add “CHCO” to the end of the SKU.
For example ”REL185-2001CHCO”.
7” x 4.25” x 1.31”
Medical Versions Available
Contact Factory


Similar Part No. - REL185-4002

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL185-4002 ASTRODYNE-REL185-4002 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
More results

Similar Description - REL185-4002

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
   40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com