Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1608-472 Datasheet(PDF) 3 Page - Linear Technology

Part # DO1608-472
Description  Dual Micropower DC/DC Converter with Positive and Negative Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DO1608-472 Datasheet(HTML) 3 Page - Linear Technology

  DO1608-472 Datasheet HTML 1Page - Linear Technology DO1608-472 Datasheet HTML 2Page - Linear Technology DO1608-472 Datasheet HTML 3Page - Linear Technology DO1608-472 Datasheet HTML 4Page - Linear Technology DO1608-472 Datasheet HTML 5Page - Linear Technology DO1608-472 Datasheet HTML 6Page - Linear Technology DO1608-472 Datasheet HTML 7Page - Linear Technology DO1608-472 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1945
1945f
Quiescent Current
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage
(VCESAT)
FB2 Pin Voltage and
Bias Current
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1945 G01
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
ISWITCH = 500mA
ISWITCH = 300mA
TEMPERATURE (
°C)
–50
1945 G02
1.25
1.24
1.23
1.22
1.21
1.20
50
40
30
20
10
0
CURRENT
VOLTAGE
–25
0
25
50
75
100
TEMPERATURE (
°C)
1945 G03
–1.25
–1.24
–1.23
–1.22
–1.21
–1.20
–50
–25
0
0
1
2
3
4
5
25
50
75
100
VOLTAGE
CURRENT
PI FU CTIO S
NFB1 (Pin 1): Feedback Pin for Switcher 1. Set the output
voltage by selecting values for R1 and R2.
SHDN1 (Pin 2): Shutdown Pin for Switcher 1. Tie this pin
to 0.9V or higher to enable device. Tie below 0.25V to turn
it off.
GND (Pin 3): Ground. Tie this pin directly to the local
ground plane.
SHDN2 (Pin 4): Shutdown Pin for Switcher 2. Tie this pin
to 0.9V or higher to enable device. Tie below 0.25V to turn
it off.
FB2 (Pin 5): Feedback Pin for Switcher 2. Set the output
voltage by selecting values for R1B and R2B.
SW2 (Pin 6): Switch Pin for Switcher 2. This is the
collector of the internal NPN power switch. Minimize the
metal trace area connected to the pin to minimize EMI.
PGND (Pins 7, 9): Power Ground. Tie these pins directly
to the local ground plane. Both pins must be tied.
VIN (Pin 8): Input Supply Pin. Bypass this pin with a
capacitor as close to the device as possible.
SW1 (Pin 10): Switch Pin for Switcher 1. This is the
collector of the internal NPN power switch. Minimize the
metal trace area connected to the pin to minimize EMI.
TEMPERATURE (
°C)
1945 G04
550
500
450
400
350
300
250
–50
–25
0
25
50
75
100
VIN = 1.2V
VIN = 12V
TEMPERATURE (
°C)
1945 G05
400
350
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
VIN = 12V
VIN = 1.2V
Switch Off Time
Switch Current Limit
NFB1 Pin Voltage and
Bias Current
TEMPERATURE (
°C)
1945 G06
25
23
21
19
17
15
–50
–25
0
25
50
75
100
VIN = 12V
VIN = 1.2V
VFB = 1.23V
NOT SWITCHING


Similar Part No. - DO1608-472

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DO1608-473 LINER-DO1608-473 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
More results

Similar Description - DO1608-472

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1945 LINER-LT1945_15 Datasheet
131Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com