Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C16-3G Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS24C16-3G
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16-3G Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS24C16-3G Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C16-3G Datasheet HTML 13Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
OPERATING RANGE
(IS24C01-5, IS24C02-5, IS24C04-5 IS24C08-5, & IS24C16-5)
Range
Ambient Temperature
VCC
Auromotive
–40°C to +125°C
4.5V to 5.5V
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
0.5 to +6.25
V
VP
Voltage on Any Pin
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–40 to +85
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE
(IS24C01-2, IS24C02-2, IS24C04-2 IS24C08-2, & IS24C16-2)
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
1.8V to 5.5V
Industrial
–40°C to +85°C
1.8V to 5.5V
OPERATING RANGE
(IS24C01-3, IS24C02-3, IS24C04-3, IS24C08-3, & IS24C16-3)
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.5V to 5.5V
Industrial
–40°C to +85°C
2.5V to 5.5V
Automotive
–40°C to +125°C
2.7V to 5.5V
Note: Automotive data is preliminary
.
Note: Automotive data is preliminary
.


Similar Part No. - IS24C16-3G

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C16-3G ISSI-IS24C16-3G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-3GA ISSI-IS24C16-3GA Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-3GI ISSI-IS24C16-3GI Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C16-3G

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com