Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS65-12 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PS65-12
Description  65W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PS65-12 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PS65-12 Datasheet HTML 1Page - Astrodyne Corporation PS65-12 Datasheet HTML 2Page - Astrodyne Corporation PS65-12 Datasheet HTML 3Page - Astrodyne Corporation PS65-12 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
65W Single Output Switching Power Supply
PS65 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Low leakage current <0.5mA
Cooling by free air convention
Fixed switching frequency at 65KHz
Model Number Output Volts
Output Amps
OVP
Min Load
DC Volt Adjust Load Reg Efficiency
SINGLE OUTPUT
PS65-3.3
3.3 Volts(DC)
12 Amps
3.8 ~ 4.46Volt(DC)
0~15.2Amps
3.14~3.63Volt(DC)
±3.0%
69%
PS65-5
5 Volts(DC)
12 Amps
5.75 ~ 6.75Volt(DC)
0~13.8Amps
4.75~5.5Volt(DC)
±3.0%
76%
PS65-7.5
7.5 Volts(DC)
8.0 Amps
8.63 ~ 10.1Volt(DC)
0~9.6Amps
7.13~8.25Volt(DC)
±3.0%
79%
PS65-12
12 Volts(DC)
5.2 Amps
13.8 ~ 16.2Volt(DC)
0~6.0Amps
11.4~13.2Volt(DC
±2.0%
79%
PS65-13.5
13.5 Volts(DC)
4.7 Amps
15.5 ~ 18.2Volt(DC)
0~5.4Amps
12.8~14.9Volt(DC)
±2.0%
79%
PS65-15
15 Volts(DC)
4.2 Amps
17.25 ~ 20.25Volt(DC) 0~4.8Amps
14.25~16.5Volt(DC) ±2.0%
79%
PS65-24
24 Volts(DC)
2.7 Amps
27.6 ~ 32.4Volt(DC)
0~3.0Amps
22.8~26.4Volt(DC)
±2.0%
80%
PS65-27
27 Volts(DC)
2.4 Amps
31~ 36.45Volt(DC)
0~2.7Amps
25.65~29.7Volt(DC) ±2.0%
80%
PS65-48
48 Volts(DC)
1.35 Amps 55.2~ 64.8Volt(DC)
0~1.5Amps
45.6~52.8Volt(DC)
±2.0%
80%


Similar Part No. - PS65-12

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PS65 3M-PS65 Datasheet
338Kb / 6P
   3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
logo
RRC power solutions Ltd...
PS65 RRC-PS65 Datasheet
342Kb / 3P
   Standard Battery Pack Li-Ion
PS65 RRC-PS65 Datasheet
308Kb / 3P
   Power Supply AC/DC
PS65 RRC-PS65 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
PS65 RRC-PS65 Datasheet
391Kb / 4P
   Standard Battery Pack Li-Ion
More results

Similar Description - PS65-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-65 MEANWELL-PS-65_11 Datasheet
429Kb / 2P
   65W Single Output Switching Power Supply
EPS-65 MEANWELL-EPS-65_11 Datasheet
560Kb / 3P
   65W Single Output Switching Power Supply
PS-65 MEANWELL-PS-65 Datasheet
426Kb / 2P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-65 ASTRODYNE-PS-65 Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-65 MEANWELL-EPS-65_12 Datasheet
1Mb / 3P
   65W Single Output Switching Power Supply
EPS-65S MEANWELL-EPS-65S Datasheet
96Kb / 4P
   65W Single Output Switching Power Supply
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com