Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D18-4R7 Datasheet(PDF) 5 Page - Linear Technology

Part # CDRH4D18-4R7
Description  Dual Micropower DC/DC Converter with Positive and Negative Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CDRH4D18-4R7 Datasheet(HTML) 5 Page - Linear Technology

  CDRH4D18-4R7 Datasheet HTML 1Page - Linear Technology CDRH4D18-4R7 Datasheet HTML 2Page - Linear Technology CDRH4D18-4R7 Datasheet HTML 3Page - Linear Technology CDRH4D18-4R7 Datasheet HTML 4Page - Linear Technology CDRH4D18-4R7 Datasheet HTML 5Page - Linear Technology CDRH4D18-4R7 Datasheet HTML 6Page - Linear Technology CDRH4D18-4R7 Datasheet HTML 7Page - Linear Technology CDRH4D18-4R7 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1945
1945f
Choosing an Inductor
Several recommended inductors that work well with the
LT1945 are listed in Table 1, although there are many other
manufacturers and devices that can be used. Consult each
manufacturer for more detailed information and for their
entire selection of related parts. Many different sizes and
shapes are available. Use the equations and recommenda-
tions in the next few sections to find the correct inductance
value for your design.
Table 1. Recommended Inductors
PART
VALUE (
µH)
MAX DCR (
)
VENDOR
LQH3C4R7
4.7
0.26
Murata
LQH3C100
10
0.30
(714) 852-2001
LQH3C220
22
0.92
www.murata.com
CD43-4R7
4.7
0.11
Sumida
CD43-100
10
0.18
(847) 956-0666
CDRH4D18-4R7
4.7
0.16
www.sumida.com
CDRH4D18-100
10
0.20
DO1608-472
4.7
0.09
Coilcraft
DO1608-103
10
0.16
(847) 639-6400
DO1608-223
22
0.37
www.coilcraft.com
Inductor Selection—Boost Regulator
The formula below calculates the appropriate inductor
value to be used for a boost regulator using the LT1945 (or
at least provides a good starting point). This value pro-
vides a good tradeoff in inductor size and system perfor-
mance. Pick a standard inductor close to this value. A
larger value can be used to slightly increase the available
output current, but limit it to around twice the value
calculated below, as too large of an inductance will in-
crease the output voltage ripple without providing much
additional output current. A smaller value can be used
(especially for systems with output voltages greater than
12V) to give a smaller physical size. Inductance can be
calculated as:
L
VV
V
I
t
OUT
IN MIN
D
LIM
OFF
=
−+
()
where VD = 0.4V (Schottky diode voltage), ILIM = 350mA
and tOFF = 400ns; for designs with varying VIN such as
battery powered applications, use the minimum VIN value
APPLICATIO S I FOR ATIO
in the above equation. For most regulators with output
voltages below 7V, a 4.7
µH inductor is the best choice,
even though the equation above might specify a smaller
value. This is due to the inductor current overshoot that
occurs when very small inductor values are used (see
Current Limit Overshoot section).
For higher output voltages, the formula above will give
large inductance values. For a 2V to 20V converter (typical
LCD Bias application), a 21
µH inductor is called for with
the above equation, but a 10
µH inductor could be used
without excessive reduction in maximum output current.
Inductor Selection—SEPIC Regulator
The formula below calculates the approximate inductor
value to be used for a SEPIC regulator using the LT1945.
As for the boost inductor selection, a larger or smaller
value can be used.
L
VV
I
t
OUT
D
LIM
OFF
=
+


2
Inductor Selection—Inverting Regulator
The formula below calculates the appropriate inductor
value to be used for an inverting regulator using the
LT1945 (or at least provides a good starting point). This
value provides a good tradeoff in inductor size and system
performance. Pick a standard inductor close to this value
(both inductors should be the same value). A larger value
can be used to slightly increase the available output
current, but limit it to around twice the value calculated
below, as too large of an inductance will increase the
output voltage ripple without providing much additional
output current. A smaller value can be used (especially for
systems with output voltages greater than 12V) to give a
smaller physical size. Inductance can be calculated as:
L
VV
I
t
OUT
D
LIM
OFF
=
+
2
where VD = 0.4V (Schottky diode voltage), ILIM = 350mA
and tOFF = 400ns.


Similar Part No. - CDRH4D18-4R7

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D18-4R7 SUMIDA-CDRH4D18-4R7 Datasheet
84Kb / 1P
   POWER INDUCTORS (SMT Type)
logo
ECM Electronics Limited...
CDRH4D18-4R7 ECM-CDRH4D18-4R7 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH4D18-4R7 AITCOMPONENTS-CDRH4D18-4R7 Datasheet
30Kb / 1P
   CDRH4D18 SMD POWER INDUCTOR
More results

Similar Description - CDRH4D18-4R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1945 LINER-LT1945_15 Datasheet
131Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com