Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMK130S-5 Datasheet(PDF) 6 Page - Astrodyne Corporation

Part # PMK130S-5
Description  130W Open Frame and U-Channel Power Supplies with PFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK130S-5 Datasheet(HTML) 6 Page - Astrodyne Corporation

Back Button PMK130S-5 Datasheet HTML 2Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 3Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 4Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 5Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 6Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 7Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 8Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 9Page - Astrodyne Corporation PMK130S-5 Datasheet HTML 10Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
PMK130 series
130W Open Frame and U-Channel Power Supplies with PFC
MECHANICAL DIMENSIONS
Open Frame (PMK130S-xx-A)
127mm
5.00in
115.6mm
4.55in
5.7mm
.22in
76.2mm
3.00in
66.2mm
2.61in
5mm
.20in
4_ 3.5mm
.14in
FG
ACN
ACL
Vo
Vo
Vo
Vo
Vo
COM
COM
COM
1.6mm
.06in
2.5mm
.10in
33mm
1.3in
COM
COM
B1
B1
Output connector : 10P / 3.96mm pitch MOLEX 41791-0010
Input connector : 5P / 3.96mm pitch MOLEX 41791-0005
PMMK130S-O-M_B
B
Height 33mm
2010/05/06
Erica
PMMK130S
B1
Height Labeling changes
2012/04/20
1:2
2D outline drawings
REV
DRAWING NO.
DESCRIPTION
DATE
SHEET METAL TOLERANCE
(UNLESS OTHERWISE SPECIFIED)
PIERCINGBENDING ANGULAR
300<X<800
25<X<100
8<X<25
±0.1
±0.1
±0.15
±0.2
±0.3
±0.25
±0.2
±0.15
±1°
APPROVED
CHECKED
DRAWN
SHEET
SCALE
UNIT
MODEL NO.
PART NO.
MATERIAL
TITLE
1 OF 1
mm
100<X<300
±0.5°
±0.3
±0.5
±1.5°
±0.5°
±0.3°
X<8
DIMENSION


Similar Part No. - PMK130S-5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PMK105CBJ226MV-F TAIYO-YUDEN-PMK105CBJ226MV-F Datasheet
362Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Mobile Devices Only
PMK105EC6226MV-F TAIYO-YUDEN-PMK105EC6226MV-F Datasheet
406Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
PMK107BJ106KA-T TAIYO-YUDEN-PMK107BJ106KA-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
PMK107BJ106KD-T TAIYO-YUDEN-PMK107BJ106KD-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
PMK107BJ106KF-T TAIYO-YUDEN-PMK107BJ106KF-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - PMK130S-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS-150 TOTAL-POWER-TPS-150 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
logo
Astrodyne Corporation
PMK450S ASTRODYNE-PMK450S Datasheet
1Mb / 10P
   450 Watt Enclosed and U-Channel Power Supplies with PFC
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530 Datasheet
227Kb / 2P
   Power Supplies - Open Frame
logo
Astrodyne Corporation
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530_17 Datasheet
159Kb / 1P
   Power Supplies - Open Frame
logo
SL Power Electronics
FLU40 SLPOWER-FLU40 Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com