Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1764ET Datasheet(PDF) 9 Page - Linear Technology

Part # LT1764ET
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764ET Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1764ET Datasheet HTML 5Page - Linear Technology LT1764ET Datasheet HTML 6Page - Linear Technology LT1764ET Datasheet HTML 7Page - Linear Technology LT1764ET Datasheet HTML 8Page - Linear Technology LT1764ET Datasheet HTML 9Page - Linear Technology LT1764ET Datasheet HTML 10Page - Linear Technology LT1764ET Datasheet HTML 11Page - Linear Technology LT1764ET Datasheet HTML 12Page - Linear Technology LT1764ET Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1764 Series
1764fa
OUT (Pin 4): Output. The output supplies power to the
load. A minimum output capacitor of 10
µF is required to
prevent oscillations. Larger output capacitors will be
required for applications with large transient loads to limit
peak voltage transients. See the Applications Information
section for more information on output capacitance and
reverse output characteristics.
SENSE (Pin 5): Sense. For fixed voltage versions of the
LT1764 (LT1764-1.8/LT1764-2.5/LT1764-3.3), the SENSE
pin is the input to the error amplifier. Optimum regulation
will be obtained at the point where the SENSE pin is
connected to the OUT pin of the regulator. In critical
applications, small voltage drops are caused by the resis-
tance (RP) of PC traces between the regulator and the load.
These may be eliminated by connecting the SENSE pin to
the output at the load as shown in Figure 1 (Kelvin Sense
Connection). Note that the voltage drop across the exter-
nal PC traces will add to the dropout voltage of the
regulator. The SENSE pin bias current is 600
µA at the
nominal rated output voltage. The SENSE pin can be pulled
below ground (as in a dual supply system where the
regulator load is returned to a negative supply) and still
allow the device to start and operate.
ADJ (Pin 5): Adjust. For the adjustable LT1764, this is the
input to the error amplifier. This pin is internally clamped
to
±7V. It has a bias current of 3µA which flows into the
pin. The ADJ pin voltage is 1.21V referenced to ground and
the output voltage range is 1.21V to 20V.
SHDN (Pin 1): Shutdown. The SHDN pin is used to put the
LT1764 regulators into a low power shutdown state. The
output will be off when the SHDN pin is pulled low. The
SHDN pin can be driven either by 5V logic or open-
collector logic with a pull-up resistor. The pull-up resistor
is required to supply the pull-up current of the open-
collector gate, normally several microamperes, and the
SHDN pin current, typically 7
µA. If unused, the SHDN pin
must be connected to VIN. The device will be in the low
power shutdown state if the SHDN pin is not connected.
IN (Pin 2): Input. Power is supplied to the device through
the IN pin. A bypass capacitor is required on this pin if the
device is more than six inches away from the main input
filter capacitor. In general, the output impedance of a
battery rises with frequency, so it is advisable to include a
bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1
µF to 10µF is sufficient. The
LT1764 regulators are designed to withstand reverse
voltages on the IN pin with respect to ground and the OUT
pin. In the case of a reverse input, which can happen if a
battery is plugged in backwards, the device will act as if
there is a diode in series with its input. There will be no
reverse current flow into the regulator and no reverse
voltage will appear at the load. The device will protect both
itself and the load.
GND (Pin 3): Ground.
Figure 1. Kelvin Sense Connection
IN
SHDN
1764 F01
RP
OUT
VIN
SENSE
GND
LT1764
RP
3
5
4
1
2
+
+
LOAD
PI FU CTIO S


Similar Part No. - LT1764ET

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764ET LINER-LT1764ET Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764ET-1.5 LINER-LT1764ET-1.5 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764ET-1.8 LINER-LT1764ET-1.8 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764ET-2.5 LINER-LT1764ET-2.5 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764ET-3.3 LINER-LT1764ET-3.3 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764ET

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com