Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1764EQ-1.8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1764EQ-1.8
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764EQ-1.8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1764EQ-1.8 Datasheet HTML 6Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 7Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 8Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 9Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 10Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 11Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 12Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 13Page - Linear Technology LT1764EQ-1.8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1764 Series
1764fa
The LT1764 series are 3A low dropout regulators opti-
mized for fast transient response. The devices are capable
of supplying 3A at a dropout voltage of 340mV. The low
operating quiescent current (1mA) drops to less than 1
µA
in shutdown. In addition to the low quiescent current, the
LT1764 regulators incorporate several protection features
which make them ideal for use in battery-powered sys-
tems. The devices are protected against both reverse input
and reverse output voltages. In battery backup applica-
tions where the output can be held up by a backup battery
when the input is pulled to ground, the LT1764-X acts like
it has a diode in series with its output and prevents reverse
current flow. Additionally, in dual supply applications
where the regulator load is returned to a negative supply,
the output can be pulled below ground by as much as 20V
and still allow the device to start and operate.
Adjustable Operation
The adjustable version of the LT1764 has an output
voltage range of 1.21V to 20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the voltage at the ADJ
pin at 1.21V referenced to ground. The current in R1 is
then equal to 1.21V/R1 and the current in R2 is the current
in R1 plus the ADJ pin bias current. The ADJ pin bias
current, 3
µA at 25°C, flows through R2 into the ADJ pin.
The output voltage can be calculated using the formula in
Figure 2. The value of R1 should be less than 4.17k to
minimize errors in the output voltage caused by the ADJ
pin bias current. Note that in shutdown the output is turned
off and the divider current will be zero.
Figure 2. Adjustable Operation
The adjustable device is tested and specified with the ADJ
pin tied to the OUT pin for an output voltage of 1.21V.
Specifications for output voltages greater than 1.21V will
be proportional to the ratio of the desired output voltage to
1.21V: VOUT/1.21V. For example, load regulation for an
output current change of 1mA to 3A is – 3mV typical at
VOUT = 1.21V. At VOUT = 5V, load regulation is:
(5V/1.21V)(–3mV) = – 12.4mV
Output Capacitance and Transient Response
The LT1764 regulators are designed to be stable with a
wide range of output capacitors. The ESR of the output
capacitor affects stability, most notably with small capaci-
tors. A minimum output capacitor of 10
µF with an ESR in
the range of 50m
Ω to 3Ω is recommended to prevent
oscillations. Larger values of output capacitance can de-
crease the peak deviations and provide improved transient
response for larger load current changes. Bypass capaci-
tors, used to decouple individual components powered by
the LT1764-X, will increase the effective output capacitor
value.
Extra consideration must be given to the use of ceramic
capacitors. In some applications the use of ceramic ca-
pacitors with an ESR below 50m
Ω can cause oscillations.
Please consult our Applications Engineering department
for help with any issues concerning the use of ceramic
output capacitors. Ceramic capacitors are manufactured
with a variety of dielectrics, each with different behavior
over temperature and applied voltage. The most common
dielectrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit strong voltage and tem-
perature coefficients as shown in Figures 3 and 4. When
used with a 5V regulator, a 10
µF Y5V capacitor can exhibit
an effective value as low as 1
µF to 2µF over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
IN
1764 F02
R2
OUT
VIN
VOUT
ADJ
GND
LT1764
R1
+
VV
R
R
IR
VV
IA
OUT
ADJ
ADJ
ADJ
=+


+
()( )
=
121 1
2
1
2
121
3
.
.
µ AT 25 C
OUTPUT RANGE = 1.21V TO 20V
APPLICATIO S I FOR ATIO


Similar Part No. - LT1764EQ-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764EQ-1.8 LINER-LT1764EQ-1.8 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764EQ-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com