Electronic Components Datasheet Search |
|
288XBA0S161A1 Datasheet(PDF) 1 Page - CTS Corporation |
|
288XBA0S161A1 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 4 page Commercial Miniature 16mm Size Series 288 1 - 4 © 2015 CTS Corporation. All rights reserved. Information subject to change. 4/27/15 CTS Electrocomponents www.ctscorp.com Data Sheet Rotary Encoder ® Electrocomponents Robust Construction 2-bit Incremental or 4-bit Absolute Encoder Electrical and Mechanical Specifications Contact Resistance Voltage Rating Rotational Life 50,000 cycles Solder Heat Resistance 260°C for 5 seconds Rotational Torque No Detent: 36 - 216 gf.cm With Detent: 100 - 500 gf.cm Push-Pull Strength of Shaft 8 kg minimum for 10 seconds Optional Momentary Switch Available with 16 Detents Features Solder Lug or PCB Terminals Bushing Mount RoHS Compliant Rotary Encoder Continuous Rotation Temperature Range Operating: -25°C to +100°C Storage: -30°C to +100°C Insulation Resistance Special Consult CTS for customized or features not listed, including other detent points, resolution, torque and mounting style. Detent Points 16 detents available Resolution 2-bit: 4, 6, 8,10 or 12 pulses in 360° Encoder: 4-bit: 16 combinations in 360° |
Similar Part No. - 288XBA0S161A1 |
|
Similar Description - 288XBA0S161A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |