Electronic Components Datasheet Search |
|
C1808H393MBGAETU Datasheet(PDF) 2 Page - Kemet Corporation |
|
C1808H393MBGAETU Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 2 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Packaging C-Spec Ordering Options Table Termination Finish Options Packaging Type/Options Packaging Ordering Code (C-Spec) Standard Packaging – Unmarked3 C = 100% Matte Sn L = SnPb (5% Pb min.) F = Gold (Au) 30 – 50 µin G = Gold (Au) 100 µin min. Bulk Bag Blank1 Waffle Tray2 7292 7" Tape & Reel TU 13" Reel 7411 (EIA 0603 and smaller case sizes) 7210 (EIA 0805 and larger case sizes) 7” Tape & Reel/2 mm pitch4 7081 7" Tape & Reel – 50 pcs T050 7" Tape & Reel – 100 pcs T100 7" Tape & Reel – 250 pcs T250 7" Tape & Reel – 500 pcs T500 7" Tape & Reel – 1,000 pcs T1K0 Moisture Sensitive Packaging5 – Unmarked3 E = Gold (Au) 1.97 – 11.8 µin F = Gold (Au) 30 – 50 µin G = Gold (Au) 100 µin min. Waffle Tray2 7282 7" Tape & Reel 7130 7" Tape & Reel – 50 pcs Contact KEMET6 7" Tape & Reel – 100 pcs 7" Tape & Reel – 250 pcs 7" Tape & Reel – 500 pcs 7" Tape & Reel – 1,000 pcs 1 Default packaging is “Bulk Bag”. An ordering code C-Spec is not required for “Bulk Bag” packaging. 1 “Bulk Bag” packaging option is not available for Gold (Au) termination finish options and case sizes larger than 2225 (5664 Metric). 2 “Waffle Tray” packaging option is not available for case sizes larger than 2225 (5664 Metric). 3 The terms “Marked” and “Unmarked” pertain to laser marking option of components. All packaging options labeled as “Unmarked” will contain capacitors that have not been laser marked. The option to laser mark is not available on these devices. 3 Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the “T1K0” packaging option, 1812 thru 2225 case size devices with chip thickness of ≥ 1.9mm (nominal) may be shipped on multiple 7” reels or a single 13” reel. Additional reeling or packaging options may be available. Contact KEMET for details. 4 The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”. 5 Moisture sensitive packaging is required for Gold (Au) termination option “E” (1.97 – 11.8 µin) 6 Additional reeling or packaging options may be available. Contact KEMET for details. |
Similar Part No. - C1808H393MBGAETU |
|
Similar Description - C1808H393MBGAETU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |