Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1715 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1715
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1715 Datasheet HTML 2Page - Linear Technology LT1715 Datasheet HTML 3Page - Linear Technology LT1715 Datasheet HTML 4Page - Linear Technology LT1715 Datasheet HTML 5Page - Linear Technology LT1715 Datasheet HTML 6Page - Linear Technology LT1715 Datasheet HTML 7Page - Linear Technology LT1715 Datasheet HTML 8Page - Linear Technology LT1715 Datasheet HTML 9Page - Linear Technology LT1715 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1715
±VTRIP Test Circuit
TEST CIRCUITS
+
+
DUT
1/2 LT1715
BANDWIDTH-LIMITED TRIANGLE WAVE
~ 1kHz, VCM ±7.5V
LTC203
1/2 LT1112
50
100k
100k
2.4k
10nF
1
µF
0.15
µF
1/2 LT1638
1/2 LT1638
100k
100k
200k
10k
10k
1000
× VHYST
1000
× VTRIP+
1000
× VTRIP–
1000
× VOS
0.1
µF
50
50k
VCM
VCC
+
1/2 LT1112
1715 TC01
10nF
1
µF
NOTES: LT1638, LT1112, LTC203s ARE POWERED FROM
±15V.
200k
Ω PULL-DOWN PROTECTS LTC203 LOGIC INPUTS
WHEN DUT IS NOT POWERED
15
3
2
14
16
9
1
8
10
6
7
11
LTC203
2
14
15
3
1
8
16
9
7
11
10
6
+IN A (Pin 1): Noninverting Input of Comparator A.
– IN A (Pin 2): Inverting Input of Comparator A.
– IN B (Pin 3): Inverting Input of Comparator B.
+IN B (Pin 4): Noninverting Input of Comparator B.
VEE (Pin 5): Negative Supply Voltage for Input Stage and
Substrate.
GND (Pin 6): Ground for Output Stage.
OUT B (Pin 7): Output of Comparator B.
OUT A (Pin 8): Output of Comparator A.
+VS (Pin 9): Positive Supply Voltage for Output Stage.
VCC (Pin 10): Positive Supply Voltage for Input Stage.
PI FU CTIO S


Similar Part No. - LT1715

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LT1715 LINER-LT1715 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1715 LINER-LT1715 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1715CMSPBF LINER-LT1715CMSPBF Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715CMSTRPBF LINER-LT1715CMSTRPBF Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
More results

Similar Description - LT1715

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715_15 Datasheet
255Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715_1 Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Jingjing Microelectroni...
EG393 EGMICRO-EG393 Datasheet
503Kb / 12P
   Dual independent high precision voltage comparator chip
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com