Electronic Components Datasheet Search |
|
SDR6210CAJTX Datasheet(PDF) 1 Page - Solid States Devices, Inc |
|
SDR6210CAJTX Datasheet(HTML) 1 Page - Solid States Devices, Inc |
1 / 3 page NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RC0177A DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com Designer’s Data Sheet Part Number/Ordering Information 1/ SDR62 __ __ _J_ __ __ │ │ │ │ │ │ │ │ │ │ │ │ │ │ │ │ └ │ │ │ │ │ │ │ │ │ │ │ │ └ │ │ │ │ │ │ │ │ │ └ │ │ │ │ │ └ └ Screening 2/ __ = Not Screened TX = TX Level TXV = TXV Level S = S Level Leg Bend __ = Straight DB = Down Bend UB = Up Bend Package J = TO-257 S1 = SMD1 (CT configuration only) Pin Configuration CT: Common Cathode CA: Common Anode D: Doubler DR: Doubler Reverse Voltage 10 = 1000V 11 = 1100V 12 = 1200V SDR6210CT thru SDR6212CT Series 40 AMPS 1000 - 1200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER FEATURES: Hyper Fast Recovery: 35 nsec Maximum 3/ High Surge Rating Low Reverse Leakage Current Low Junction Capacitance Isolated Hermetically Sealed Package with ceramic seals (TO-257) Ultrasonic Aluminum Wire Bonds Custom Lead Forming Available TX, TXV, and Space Level Screening Available Consult Factory. 2/ Upgrade to the HFA35HB120C MAXIMUM RATINGS Symbol Value Units Peak Repetitive Reverse Voltage and DC Blocking Voltage SDR6210 SDR6211 SDR6212 VRRM VRWM VR 1000 1100 1200 Volts Average Rectified Forward Current (Resistive Load, 60 Hz, Sine Wave, T A=25 oC) 4/ IO 40 6/ Amps Peak Surge Current (8.3 ms Pulse, Half Sine Wave, T A=25 oC) 5/ IFSM 150 Amps Operating and Storage Temperature TOP & TSTG -65 to +200 oC Maximum Thermal Resistance Junction to Case 4/ Junction to Case 5/ RJC 1.2 2.0 oC/W NOTES: 1/ For ordering information, price, operating curves, and availability - contact factory. 2/ Screening based on MIL-PRF-19500. Screening flows available on request. 3/ Recovery conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to 0.25 Amp. 4/ Both legs tied together. 5/ Per leg. 6/ Doublers: IO= 20A/leg. TO257: max 30A in the center tap; wirebond limited TO-257 SMD1 |
Similar Part No. - SDR6210CAJTX |
|
Similar Description - SDR6210CAJTX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |