Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR6212CTS1UB Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR6212CTS1UB
Description  40 AMPS 1000 - 1200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6212CTS1UB Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR6212CTS1UB Datasheet HTML 1Page - Solid States Devices, Inc SDR6212CTS1UB Datasheet HTML 2Page - Solid States Devices, Inc SDR6212CTS1UB Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0177A
DOC
ELECTRICAL CHARACTERISTICS (Per Leg)
Symbol
Typ
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 5 Amps, 300sec Pulse)
TA = 25°C
TA = 100°C
TA = 125°C
TA = 150°C
VF1
1.85
1.55
1.45
1.38
2.3
2.0
-
-
Volts
Instantaneous Forward Voltage Drop
(IF = 10 Amps, 300sec Pulse)
TA = 25°C
TA = 100°C
TA = 125°C
TA = 150°C
VF2
2.00
1.80
1.71
1.65
2.5
2.3
-
-
Volts
Instantaneous Forward Voltage Drop
(IF = 20 Amps, 300sec Pulse)
TA = 25°C
TA = 100°C
TA = 125°C
TA = 150°C
VF3
2.20
2.10
2.05
2.0
2.7
2.6
-
-
Volts
Reverse Leakage Current
(Rated VR, 300sec pulse minimum)
TA = 25°C
TA = 100°C
TA = 125°C
TA = 150°C
IR
7.5
0.7
2.8
7.8
50
5
-
-
µA
mA
mA
mA
Reverse Recovery Time
(IF = 0.5A, IR = 1 A, IRR = 0.25A)
TA = 25°C
TA = 100°C
TA = 125°C
trr1
25
70
85
35
-
-
ns
Reverse Recovery Time
(IRM = 10A, dI/dt = 100 A/us)
TA = 25°C
TA = 100°C
TA = 125°C
trr2
70
110
125
100
-
-
ns
Reverse Recovery Current
(IRM = 10A, dI/dt = 100 A/us)
TA = 25°C
TA = 100°C
TA = 125°C
IRM2
4.65
6.5
7.15
6
-
-
A
Junction Capacitance
(TA = 25
oC, f = 1 MHz)
VR = 5 VDC
VR = 10 VDC
CJ
20
20
-
50
pF
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR6210CT thru
SDR6212CT Series


Similar Part No. - SDR6212CTS1UB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR621 SSDI-SDR621 Datasheet
155Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
SDR621 SSDI-SDR621 Datasheet
118Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
SDR621-28 SSDI-SDR621-28 Datasheet
41Kb / 2P
   20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR62159 SSDI-SDR62159 Datasheet
185Kb / 4P
   20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR62159S SSDI-SDR62159S Datasheet
185Kb / 4P
   20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - SDR6212CTS1UB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CTJ SSDI-SDR620CTJ Datasheet
37Kb / 2P
   40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
168Kb / 2P
   40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
40Kb / 2P
   40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CTM SSDI-SDR620CTM Datasheet
36Kb / 2P
   40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
   12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR640CT SSDI-SDR640CT Datasheet
320Kb / 2P
   80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SFA40PME SSDI-SFA40PME Datasheet
411Kb / 2P
   68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER
SDA9103CTNA SSDI-SDA9103CTNA Datasheet
235Kb / 2P
   100 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER 40MIL PINS
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
   12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR9100CTN SSDI-SDR9100CTN Datasheet
237Kb / 2P
   120 AMP 100- 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com