Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4914 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4914
Description  1W Monaural, 85mW Stereo Headphone Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4914 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4914 Datasheet HTML 7Page - National Semiconductor (TI) LM4914 Datasheet HTML 8Page - National Semiconductor (TI) LM4914 Datasheet HTML 9Page - National Semiconductor (TI) LM4914 Datasheet HTML 10Page - National Semiconductor (TI) LM4914 Datasheet HTML 11Page - National Semiconductor (TI) LM4914 Datasheet HTML 12Page - National Semiconductor (TI) LM4914 Datasheet HTML 13Page - National Semiconductor (TI) LM4914 Datasheet HTML 14Page - National Semiconductor (TI) LM4914 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
LM4914’s supply pins and ground. Do not substitute a ce-
ramic capacitor for the tantalum. Doing so may cause oscil-
lation.
Keep the length of leads and traces that connect capacitors
between the LM4914’s power supply pin and ground as
short as possible. Connecting a 0.47µF capacitor, C
B, be-
tween the BYPASS pin and ground improves the internal
bias voltage’s stability and improves the amplifier’s PSRR.
The PSRR improvements increase as the bypass pin ca-
pacitor value increases. Too large, however, increases
turn-on time and can compromise the amplifier’s click and
pop performance. The selection of bypass capacitor values,
especially C
B, depends on desired PSRR requirements,
click and pop performance (as explained in the section,
Proper Selection of External Components), system cost, and
size constraints.
MICRO-POWER SHUTDOWN
The LM4914 features an active-low micro-power shutdown
mode. When active, the LM4914’s micro-power shutdown
feature turns off the amplifier’s bias circuitry, reducing the
supply current. The logic threshold is typically V
DD/2. The
low 0.03µA typical shutdown current is achieved by applying
a voltage to the SHUTDOWN pin that is as near to GND as
possible. A voltage that is greater than GND may increase
the shutdown current.
There are a few methods to control the micro-power shut-
down. These include using a single-pole, single-throw switch
(SPST), a microprocessor, or a microcontroller. When using
a switch, connect a 100k
Ω pull-up resistor between the
SHUTDOWN pin and V
DD and the SPST switch between the
SHUTDOWN pin and GND. Select normal amplifier opera-
tion by opening the switch. Closing the switch applies GND
to the SHUTDOWN pin, activating micro-power shutdown.
The switch and resistor guarantee that the SHUTDOWN pin
will not float. This prevents unwanted state changes. In a
system with a microprocessor or a microcontroller, use a
digital output to apply the active-state voltage to the SHUT-
DOWN pin.
HEADPHONE (SINGLE-ENDED) AMPLIFIER
OPERATION
BTL/SE [Mono (BTL)/Stereo (SE)] Function
Applying a voltage greater than 0.9V
DD to the LM4914’s
BTL/SE headphone control pin switches the amplifier’s op-
eration from mono BTL to stereo SE. Applying a voltage less
than 0.55V
DD to the LM4914’s BTL/SE headphone control
pin switches the amplifier’s operation from stereo SE to
mono BTL.
Figure 3 shows how to control the LM4914’s headphone
function using four external resistors and a dual-switch ste-
reo headphone jack. External resistors R4 - R6 provide the
control voltages that are applied through the upper head-
phone jack switch. R6 and R7 provide a DC return path for
the SE coupling capacitors.
With no headphones connected to the headphone jack, the
R5-R6 voltage divider sets the voltage applied to the BTL/SE
pin (pin 7) at approximately 50mV (comfortably below the
0.55V
DD logic-low threshold). This 50mV tells the LM4914 to
select the signal applied to the MONO-IN input and places
the LM4914 in mono BTL operation. When stereo SE opera-
tion is desired, both headphone jack switches are opened
with a headphone plug. Opening the lower one allows R5 to
apply V
DD to the BTL/SE pin. This switches the amplifier’s
inputs to the stereo signal. Opening the lower one breaks the
connection between AMP4’s output and the BTL speaker,
muting it. The output coupling capacitors block the amplifi-
er’s half supply DC voltage, protecting the headphones from
the V
DD/2 DC output voltage.
Figure 3 also shows the suggested headphone jack electri-
cal connections. The jack is designed to mate with a three-
wire plug. The plug’s tip and adjacent ring should carry the
left and right channel stereo signals, respectively. The sleeve
furthest from the tip should carry the ground return. The
Switchcraft 35RAPC4BH3 five-terminal headphone jack
200634A1
FIGURE 3. Headphone Operation and BTL - SE Mode Switching
www.national.com
11


Similar Part No. - LM4914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4913 NSC-LM4913 Datasheet
767Kb / 15P
   2W Monaural, 90mW Stereo Headphone Audio Amplifier
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com