Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM1267 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM1267
Description  150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM1267 Datasheet(HTML) 2 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, Pin 9
6.0V
Peak Video Output Source Current
(Any One Amp)
Pins 18, 19, or 20
28 mA
Voltage at Any
Input Pin (V
IN)
V
CC +0.5 >
V
IN > −0.5V
Power Dissipation (P
D)
(Above 25˚C Derate based on
θ
JA and TJ)
2.4W
Thermal Resistance to Ambient (
θ
JA)
51˚C/W
Thermal Resistance to Case (
θ
JC)
32˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 4)
3.5 kV
ESD Machine Model (Note 5)
350V
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
265˚C
Operating Ratings (Note 2)
Temperature Range
0˚C to 70˚C
Supply Voltage (V
CC)
4.75V < V
CC < 5.25V
Video Inputs
0.0V < V
IN < 1.0VP-P
Active Video Signal Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Output = 2 VP-P.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
I
S
Maximum Supply Current
Test Setting 1, R
L = (Note
8)
210
235
mA
I
S-PS
Maximum Supply Current,
Power Save Mode
Test Setting 1, R
L = ,Bit1of
Reg. 9 = 1 (Note 8)
45
60
mA
LE
Linearity Error
Test Setting 4, Triangular
signal input source (Note 9)
5%
V
O Blk Typ
Typical Video Black Level
Output
Test Setting 4, No AC Input
Signal, DC = 5 Hex, or 0.5V
Offset
1.05
1.25
1.45
VDC
V
O Blk Step
Video Black Level Step Size
Test Setting 4, No AC Input
Signal
60
90
120
mV
∆V
O/∆VCC
Variation in Output Video Black
Level vs V
CC Variations
Test Setting1&3,NoAC
Input Signal, 4.75<V
CC<5.25
−50
0
50
mV/V
V
O White-Max
White Level Video Output
Voltage
Test Setting 3, Video in = 0.7V
4.0
4.2
V
V
Blank
Blanked Output Level
Test Setting 4, AC Input Signal
0
0.2
0.5
V
t
r
Rise Time
10% to 90%, Test Setting 4,
AC Input Signal (Note 10)
3.0
ns
OS
R
Overshoot (Rising Edge)
Test Setting 4, AC Input Signal
(Note 10)
8%
t
f
Fall Time
90% to 10%, Test Setting 4,
AC Input Signal (Note 10)
3.0
ns
OS
F
Overshoot (Falling Edge)
Test Setting 4, AC Input Signal
(Note 10)
8%
f(−3 dB)
Video Amplifier Bandwidth
(Note 13)
Test Setting 8, Register 0Bh
Bits 2-0 Set to 111, V
O = 3.5
V
P-P
150
MHz
V
sep 10 kHz
Video Amplifier 10 kHz
Isolation
Test Setting 8 (Note 14)
−70
dB
V
sep 10 MHz
Video Amplifier 10 MHz
Isolation
Test Setting 8 (Note 14)
−50
dB
A
V Max
Maximum Voltage Gain
Test Setting 8, AC Input Signal
4
V/V
A
V
1
2
Contrast @ 50% Level
Test Setting 5, AC Input Signal
−10
dB
A
V Min
Maximum Contrast Attenuation
Test Setting 2, AC Input Signal
−20
dB
A
V Gain
1
2
Gain @ 50% Level
Test Setting 6, AC Input Signal
−5
dB
A
V Gain Min
Maximum Gain Attenuation
Test Setting 7, AC Input Signal
−10
dB
A
V Match
Absolute Gain Match @ A
V Max
Test Setting 3, AC Input Signal
±0.5
dB
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn