Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0810NUP-O-U-N-A Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # T0810NUP-O-U-N-A
Description  AC switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

T0810NUP-O-U-N-A Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  T0810NUP-O-U-N-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP-O-U-N-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP-O-U-N-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP-O-U-N-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP-O-U-N-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP-O-U-N-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
T0810NUP
版本:201506A
外形尺寸 PACKAGE MECHANICAL DATA
单位 Unit :mm
D-PAK
5/6


Similar Part No. - T0810NUP-O-U-N-A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T081100 E-SWITCH-T081100 Datasheet
139Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T081101 E-SWITCH-T081101 Datasheet
81Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T081102 E-SWITCH-T081102 Datasheet
144Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
List of Unclassifed Man...
T0814 ETC1-T0814 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
logo
ATMEL Corporation
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
More results

Similar Description - T0810NUP-O-U-N-A

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
   AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
   AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
   AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
   AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
   AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
   AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
   AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
   AC switching
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
   AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
   AC switching
BT134 JSMC-BT134 Datasheet
369Kb / 6P
   AC switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com