Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0810NUP Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # T0810NUP
Description  AC switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

T0810NUP Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  T0810NUP Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. T0810NUP Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
R
T0810NUP
版本:201506A
6/6
注意事项
NOTE
1. 吉林华微电子股份有限公司的产品销售
2. 购买时请认清公司商标,如有疑问请与
3. 在电路设计时请不要超过器件的绝对最
4. 本说明书如有版本变更不另外告知
ino-microelectronics co., Ltd sales its
2.
rs check
3.
ute
circuit
4.
icroelectronics co., Ltd reserves
分为直销和销售代理,无论哪种方式,
订货时请与公司核实。
公司本部联系。
大额定值,否则会影响整机的可靠性。
1. Jilin S
product either through direct sales or sales
agent , thus, for customers, when ordering,
please check with our company.
We strongly recommend custome
carefully on the trademark when buying our
product, if there is any question, please
don’t be hesitate to contact us.
Please do not exceed the absol
maximum ratings of the device when
designing.
Jilin Sino-m
the
right
to
make
changes
in
this
specification sheet and is subject to change
without prior notice.
联系方式
份有限公司
ACT
ACTORY)
., LTD.
(芯片厂商)
吉林华微电子股
CONT
(MANNUFACTURE F
JILIN SINO-MICROELECTRONICS CO
公司地址:吉林省吉林市深圳街 99 号
ADD:
No.99 Shenzhen Street, Jilin City,
Jilin Province, China.
邮编:132013
ost Co
P
de:
132013
总机:86-432-64678411
1
Tel:
86-432-6467841
传真:86-432-64665812
Fax: 86-432-64665812
网址:www.hwdz.com.cn
Web Site: www.hwdz.com.cn
销售业务部
MARKET DEPARTMENT
地址:吉林省吉林市深圳街 99 号
treet, Jilin City,
ADD: No.99 Shenzhen S
Jilin Province, China.
邮编:132013
Post Code:
132013
电话:86-432-64675588
88
64675688
64678411
Tel:
86-432-646755
64675688
64678411
传真:86-432-
Fax:
86-432
64671533
-64671533
记录(Revision
修订内容 Description of Changes
录(Appendix):修订
History)
日期 Date
旧版本 Last Rev.
新版本 New Rev.


Similar Part No. - T0810NUP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T081100 E-SWITCH-T081100 Datasheet
139Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T081101 E-SWITCH-T081101 Datasheet
81Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T081102 E-SWITCH-T081102 Datasheet
144Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
List of Unclassifed Man...
T0814 ETC1-T0814 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
logo
ATMEL Corporation
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
More results

Similar Description - T0810NUP

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
   AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
   AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
   AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
   AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
   AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
   AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
   AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
   AC switching
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
   AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
   AC switching
BT134 JSMC-BT134 Datasheet
369Kb / 6P
   AC switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com