Electronic Components Datasheet Search |
|
C2220H393GGGALTU Datasheet(PDF) 1 Page - Kemet Corporation |
|
C2220H393GGGALTU Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 1 One world. One KEMET Ordering Information C 2225 H 393 J C G A C TU Ceramic Case Size (L" x W") Specification/ Series Capacitance Code (pF) Capacitance Tolerance1 Rated Voltage (VDC) Dielectric Failure Rate/ Design Termination Finish2 Packaging/Grade (C-Spec) 0805 1206 1210 1808 1812 1825 2220 2225 2824 3040 3640 4540 H = High Temperature (200°C) Two significant digits + number of zeros. B = ±0.10 pF C = ±0.25 pF D = ±0.5 pF F = ±1% G = ±2% J = ±5% K = ±10% M = ±20% C = 500 B = 630 D = 1,000 F = 1,500 G = 2,000 G = C0G A = N/A C = 100% Matte Sn L = SnPb (5% Pb min.) E = Gold (Au) 1.97 – 11.8 µin F = Gold (Au) 30 – 50 µin G = Gold (Au) 100 µin min. See “Packaging C-Spec Ordering Options Table” below 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Gold(Au) termination finish options are not available on 2824, 3040, 3640 and 4540 case sizes. Overview KEMET’s High Voltage-High Temperature (HV-HT) series surface mount C0G Multilayer Ceramic Capacitors (MLCCs) are constructed of a robust and proprietary base metal electrode (BME) dielectric system that offers industry-leading performance at extreme temperatures. These surface mountable devices feature a 200ºC maximum operating temperature and are specifically designed to withstand the demands of harsh industrial environments such as oil exploration and automotive/ avionics engine compartment circuitry. They also offer higher and more uniform breakdown voltage performance than competitive products, resulting in increased yields in customer field applications. When dealing with expensive high temperature circuitry and systems, higher yields can quickly result in significant cost savings. KEMET’s HV-HT series MLCCs are temperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance characteristics are required. They exhibit no change in capacitance with respect to time and voltage and boast a negligible change in capacitance with reference to ambient temperature. Capacitance change is limited to ±30ppm/ºC from −55°C to +200°C. In addition, these capacitors exhibit high insulation resistance with low dissipation factor at elevated temperatures up to 200°C. They also exhibit low ESR at high frequencies and offer superior volumetric efficiency over competitive high temperature precious metal electrode (PME) and base metal electrode (BME) dielectric system devices. These devices are Lead (Pb)-Free, RoHS and REACH compliant without the need of any exemptions. Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C2220H393GGGALTU |
|
Similar Description - C2220H393GGGALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |