Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHR100C10 Datasheet(PDF) 4 Page - LEM

Part # DHR100C10
Description  AC/DC Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DHR100C10 Datasheet(HTML) 4 Page - LEM

  DHR100C10 Datasheet HTML 1Page - LEM DHR100C10 Datasheet HTML 2Page - LEM DHR100C10 Datasheet HTML 3Page - LEM DHR100C10 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
120426/20
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 4/4
Dimensions DHR-C10 (in mm. 1 mm = 0.0394 inch)
Ip
Is
OUT
+24VDC
GND
Ip
Is
OUT
+24VDC
GND
Connections
Wires up to ∅ 2 mm
Female connector provided (spring terminal blocks)
User-friendly spring-cage connection for no-tool direct conductor
connection
Mechanical characteristics
General tolerance
±1 mm
Primary aperture
32.0 mm
Panel mounting
4 holes ∅ 4.6 mm
Distance between holes
70.0 mm & 78 mm
(see above dimensions)
For panel mounting, replace M4 screws by new one (not supplied)
with appropriate length to panel´s thickness.
Remarks
The temperature of the primary busbar can not exceed 90 °C.
Dynamic performances are the best with a primary busbar
completely filling the primary aperture.
This is a standard model. For different versions (supply voltages,
different outputs, bidirectional measurements...), please
contact us.
080725/15
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 4/4
DHR
Output Connector
1(Vcc) 2(NC) 3(Vout) 4(GND)
(+)
(-)
24 VDC Power
(Controller, meter etc)
Load
(-)
(+)
10k
60
90
70
22.28
6.80
6
78
7
25
4
15
Plug in connector:
FKC2.5/4-ST-5.08
(Phoenix Contact)
Dimensions DHR-C5 (in mm. 1 mm = 0.0394 inch)
Ip
Is
OUT
+24VDC
GND
Ip
Is
OUT
+24VDC
GND
Connections
Wires up to ∅ 2 mm
Female connector provided (spring terminal blocks)
User-friendly spring-cage connection for no-tool direct conductor
connection
Mechanical characteristics
General tolerance
±1 mm
Primary aperture
32.0 mm
Panel mounting
4 holes ∅ 4.6 mm
Distance between holes
70.0 mm & 78 mm
(see above dimensions)
For panel mounting, replace M4 screws by new one (not supplied)
with appropriate length to panel´s thickness.
Remarks
The temperature of the primary busbar can not exceed 90 °C.
Dynamic performances are the best with a primary busbar
completely filling the primary aperture.
This is a standard model. For different versions (supply voltages,
different outputs, bidirectional measurements...), please
contact us.
080725/15
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 4/4
DHR
Output Connector
1(Vcc) 2(NC) 3(Vout) 4(GND)
(+)
(-)
24 VDC Power
(Controller, meter etc)
Load
(-)
(+)
10k
60
90
70
22.28
6.80
6
78
7
25
4
15
Plug in connector:
FKC2.5/4-ST-5.08
(Phoenix Contact)
Dimensions DHR-C5 (in mm. 1 mm = 0.0394 inch)
60
90
70
6.80
6
78
22.28
25
4
15
20.34
Plug in connector:
FKC 2.5/4-ST-5.08-RF
(Phoenix Contact)
Connections
● Wires up to Ø 2 mm
● Female connector provided (spring terminal blocks)
● User-friendly spring-cage connection for no-tool direct
conductor connection
Mechanical characteristics
● General tolerance
±1 mm
● Primary aperture
Ø 32.0 mm
● Panel mounting
4 holes Ø 4.6 mm
● Distance between holes
70.0 mm & 78 mm
(see above dimensions)
For panel mounting, use M4 screws (not supplied) with
appropriate length to panel´s thickness, and tighten to
0.75Nm +/-20% torque.
Remarks
● The temperature of the primary busbar can not exceed
90 °C.
● Dynamic performances are the best with a primary
busbar completely filling the primary aperture.
● This is a standard model. For different versions
(supply voltages, different outputs, bidirectional
measurements...), please contact us.


Similar Part No. - DHR100C10

ManufacturerPart #DatasheetDescription
logo
LEM
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results

Similar Description - DHR100C10

ManufacturerPart #DatasheetDescription
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C5 LEM-DHR-C5 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com