Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHR-C5 Datasheet(PDF) 1 Page - LEM

Part # DHR-C5
Description  AC/DC Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DHR-C5 Datasheet(HTML) 1 Page - LEM

  DHR-C5_12 Datasheet HTML 1Page - LEM DHR-C5_12 Datasheet HTML 2Page - LEM DHR-C5_12 Datasheet HTML 3Page - LEM DHR-C5_12 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
120426/21
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 1/4
I
PN = 100 .. 400 A
Features
● VFD and SCR waveforms current
measurement
● True RMS output
● Panel mounting
● Eliminates insertion loss
● Isolated plastic case recognized
according to UL94-V0
Advantages
● Large aperture for cable up to
Ø32mm
● High isolation between primary
and secondary circuits
● Easy installation
Applications
● VFD Controlled Loads
VFD output indicates how the
motor and attached load are
operating.
● SCR Controlled Loads
Acurate measurement of phase
angle fired or burst fired (time
proportioned) SCRs. Current
measurement gives faster
response than temperature
measurement.
● Switching Power Supplies and
Electronic Ballasts
True RMS sensing is the most
accurate way to measure power
supply or ballast input power.
Application domain
● Energy and Automation
AC/DC Current Transducer DHR-C5
The transducer for the electronic measurement of DC & distorted AC
waveform currents, with galvanic isolation between the primary circuit
(power) and the secondary circuit (measurement). True RMS 0-5V
voltage output.
Electrical data
Primary Nominal
Primary AC Current
Output voltage
Type
DC & AC Current
Max. Peak Value 1)
(Analog)
I
PN (A.t.RMS)
I
P (A)
V
OUT (VDC)
100
600
0-5
DHR 100 C5
200
600
0-5
DHR 200 C5
300
1000
0-5
DHR 300 C5
400
1000
0-5
DHR 400 C5
R
L
Load resistance
≥ 10
kW
V
C
Supply voltage2)
+ 20 .. 50
V DC
I
C
Current consumption
30
mA
V
SL
Output voltage limitation (0 - 5 V)
< 7
V
Î
P
Overload capability (Ampere Turns)
30000
A.t
Performance data
X
Accuracy @
I
PN, TA = 25°C (excluding offset)
< ± 1
% of
I
PN
e
L
Linearity error (1% of
I
PN .. ± IPN)
< ± 1.0
% of
I
PN
V
OE
Electrical offset voltage,
T
A = 25°C
< ± 1.0
% of
I
PN
TCV
OE Temperature coefficient of VOE ( 0..+60 °C)
± 2.0
mV/K
(-40..+70 °C)
± 4.0
mV/K
TCV
OUT Temperature coefficient of VOUT (% of reading)
± 0.1
%/K
t
r
Response time to 90 % of
I
PN step
< 150
ms
BW
Frequency bandwidth (± 1 dB)
DC 20..6000
Hz
General data
T
A
Surrounding operating temperature
- 40 .. + 70
°C
T
S
Surrounding storage temperature
- 40 .. + 85
°C
m
Mass
260
g
IPxx
Protection degree
IP20
Notes :1) The Max. Peak AC Current is the highest peak level of the primary
signal that is taken into account for accurate True RMS calculation. Yet
the device is designed for maximum continuous True RMS value equal to
I
PN, whereas the output is limited by the above specified output limitation.
2)
According to the UL 508 Standard for Safety for Industrial Control
Equipment, the supply voltage must not exceed 42VDC.


Similar Part No. - DHR-C5_12

ManufacturerPart #DatasheetDescription
logo
LEM
DHR-C5 LEM-DHR-C5 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results

Similar Description - DHR-C5_12

ManufacturerPart #DatasheetDescription
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C5 LEM-DHR-C5 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com