Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHR500C10 Datasheet(PDF) 2 Page - LEM

Part # DHR500C10
Description  AC/DC Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DHR500C10 Datasheet(HTML) 2 Page - LEM

  DHR500C10 Datasheet HTML 1Page - LEM DHR500C10 Datasheet HTML 2Page - LEM DHR500C10 Datasheet HTML 3Page - LEM DHR500C10 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
120426/00
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 2/4
Current Transducer DHR-C10
Isolation characteristics
V
b
Rated isolation voltage rms 3)
300
V
according to the standard IEC 61010-1 and with the following conditions:
- Reinforced isolation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 4), 50 Hz, 1min
4.0
kV
V
w
Impulse withstand voltage 4), 1.2/50 uS
7.3
kV
dCp
Creepage distance
7.2
mm
dCl
Clearance distance
7.2
mm
CTI
Comparative tracking index (Group I)
> 600
Notes :3) Between primary conductor voltage and ground. The voltage category
could be improved according to the insulation characteristic given by
the cable manufacturer. The UL 508 Standard for Safety for Industrial
Control Equipment requires that only insulated conductors are used as
primary circuit with this transducer.
4)
Between primary (completely filling the aperture) and secondary.
Transfer characteristics
Output in V
10
0
+Ipn
-Ipn


Similar Part No. - DHR500C10

ManufacturerPart #DatasheetDescription
logo
LEM
DHR500C10 LEM-DHR500C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results

Similar Description - DHR500C10

ManufacturerPart #DatasheetDescription
logo
LEM
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C5 LEM-DHR-C5 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com