Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR400B10 Datasheet(PDF) 2 Page - LEM

Part # APR400B10
Description  AC Current transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

APR400B10 Datasheet(HTML) 2 Page - LEM

  APR400B10 Datasheet HTML 1Page - LEM APR400B10 Datasheet HTML 2Page - LEM APR400B10 Datasheet HTML 3Page - LEM APR400B10 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current Transducer APR-B10
Isolation characteristics
V
b
Rated isolation voltage rms 1)
300
V
with IEC 61010-1 standards and following conditions :
- Reinforced isolation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 2), 50 Hz, 1min
5
kV
V
e
Partial discharge extinction voltage rms @ 10 pC
1.5
kV
V
w
Impulse withstand voltage 1.2/50
µs
6.1
kV
dCp
Creepage distance
5.5
mm
dCl
Clearance distance
5.5
mm
CTI
Comparative tracking index (Group I)
600
080212/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/4
Notes : 1) If insulated cable is used for the primary circuit, the voltage category could
be improved according to the insulation characteristics given by the cable
manufacturer.
e.g.
Cable insulation (primary)
Category
HAR 05
600V CAT III
HAR 07
1000V CAT III
2)
Between primary (completely filling the aperture) and secondary.


Similar Part No. - APR400B10

ManufacturerPart #DatasheetDescription
logo
LEM
APR400B10 LEM-APR400B10 Datasheet
70Kb / 2P
   AC Current transducer
More results

Similar Description - APR400B10

ManufacturerPart #DatasheetDescription
logo
LEM
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
   AC Current transducer
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
   AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
   AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
   AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
   AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
   AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
   AC Current transducer
AT-B5 LEM-AT-B5 Datasheet
765Kb / 3P
   AC Current transducer
AT-B420L LEM-AT-B420L Datasheet
646Kb / 3P
   AC Current transducer
APR-B10 LEM-APR-B10_1 Datasheet
70Kb / 2P
   AC Current transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com