Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL3103S Datasheet(PDF) 9 Page - International Rectifier

Part # IRL3103S
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3103S Datasheet(HTML) 9 Page - International Rectifier

Back Button IRL3103S Datasheet HTML 5Page - International Rectifier IRL3103S Datasheet HTML 6Page - International Rectifier IRL3103S Datasheet HTML 7Page - International Rectifier IRL3103S Datasheet HTML 8Page - International Rectifier IRL3103S Datasheet HTML 9Page - International Rectifier IRL3103S Datasheet HTML 10Page - International Rectifier IRL3103S Datasheet HTML 11Page - International Rectifier IRL3103S Datasheet HTML 12Page - International Rectifier IRL3103S Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IRU3007
9
Rev. 2.1
08/20/02
www.irf.com
TYPICAL APPLICATION
(Dual Layout with HIP6019)
Figure 4 - Typical application of IRU3007 in a dual layout with HIP6019 for an on-board DC-DC converter
providing power for the Vcore, GTL+, Clock supply as well as an on-board 3.3V I/O supply for the
Deschutes and the next generation processor application.
Components that need to be modified to make the dual layout work for HIP6019 and IRU3007:
S - Short
O - Open
V - See IR or Harris parts list for the value
Table 2 - Dual layout component table.
Part #
R4
R11
R18
C6
C7
C9
C11
C12
C19
C20
HIP6019
V
O
V
V
V
O
V
V
O
V
IRU3007
O
S
O
O
O
V
O
O
V
O
12V
5V
VOUT2
3.0V - 3.5V
VOUT3
1.5V
VOUT4
2.5V
PGood
VOUT1
1.8V - 3.5V
C2
C3
L1
L2
C1
C4
R1
D1
Q1
R10
R2
R3
R11
C6
R4
C7
R5
R6
R7
R8
R19
C11
R18
C12
R17
C15
Q4
C13
R15
R16
C16
L3
R14
R13
Q3
C14
C10
R12
C8
R9
C5
Q2
C19
C18
C17
C20
C9
5V
R21
R22
Gate3
Fb2
Fb4
Gnd
Fb3
VSEN2
Phase2
VID3
VID2
VID4
VID1
VID0
PGnd
U1
OCSet2
V12
V5/Comp2
VOUT4
LGate1
Phase1
UGate2
UGate1
OCSet1
SS
Fb1
VSEN1
PGood
NC/Comp1
Fault/Rt
IRU3007


Similar Part No. - IRL3103S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
logo
Inchange Semiconductor ...
IRL3103S ISC-IRL3103S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL3103SPBF IRF-IRL3103SPBF Datasheet
648Kb / 10P
   HEXFET짰 Power MOSFET
IRL3103SPBF IRF-IRL3103SPBF Datasheet
656Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL3103SPBF IRF-IRL3103SPBF_15 Datasheet
656Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRL3103S

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
International Rectifier
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
logo
UNISEM
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com