Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRU3007 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRU3007
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRU3007 Datasheet(HTML) 1 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IRU3007
1
Rev. 2.1
08/20/02
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU3007 controller IC is specifically designed to meet
Intel specification for Pentium II
™ microprocessor ap-
plications as well as the next generation of P6 family
processors. The IRU3007 provides a single chip control-
ler IC for the Vcore, LDO controller for GTL+ and an
internal 200mA regulator for clock supply which are re-
quired for the Pentium II applications. It also contains a
switching controller to convert 5V to 3.3V regulator for
on-board applications that uses either AT type power
supply or is desired not to rely on the ATX power supply’s
3.3V output. These devices feature a patented topology
that in combination with a few external components, as
shown in the typical application circuit, will provide in
excess of 14A of output current for an on-board DC/DC
converter while automatically providing the right output
voltage via the 5-bit internal DAC. The IRU3007 also fea-
tures, loss-less current sensing for both switchers by
using the RDS(on) of the high-side power MOSFET as the
sensing resistor, internal current limiting for the clock
supply, a Power Good window comparator that switches
its open collector output low when any one of the out-
puts is outside of a pre-programmed window. Other fea-
tures of the device are: Under-Voltage Lockout for both
5V and 12V supplies, an external programmable soft-
start function, programming the oscillator frequency via
an external resistor, Over-Voltage Protection (OVP) cir-
cuitry for both switcher outputs and an internal thermal
shutdown.
Provides Single Chip Solution for Vcore, GTL+,
Clock Supply & 3.3V Switcher On-Board
Second switcher provides simple control for the
on-board 3.3V supply
200mA On-Board LDO Regulator
Designed to meet Intel VRM 8.2 and 8.3 specifica-
tion for Pentium II
On-Board DAC programs the output voltage from
1.3V to 3.5V
Linear Regulator Controller On-Board for 1.5V
GTL+ supply
Loss-less Short Circuit Protection
Synchronous Operation allows maximum efficiency
Patented architecture allows fixed frequency
operation as well as 100% duty cycle during
dynamic load
Minimum Part Count
Soft-Start
High current totem pole drivers for directly driving
the external Power MOSFETs
Power Good function monitors all outputs
Over-Voltage Protection circuitry protects the
switcher outputs and generates a fault output
Thermal Shutdown
PACKAGE ORDER INFORMATION
FEATURES
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRO-
NOUS, ADJUSTABLE LDO AND 200mA ON-BOARD LDO
APPLICATIONS
Total Power Solution for Pentium II processor
application
Note: Pentium II and Pentium Pro are trademarks of Intel Corp.
TA (°C)
DEVICE
PACKAGE
0 To 70
IRU3007CW
28-pin Plastic SOIC WB (W)
Data Sheet No. PD94142
Figure 1 - Typical application of IRU3007.
LINEAR
CONTROL
SWITCHER2
CONTROL
LINEAR
REGULATOR
SWITCHER1
CONTROL
IRU3007
VOUT 3
VOUT 2
5V
VOUT1
VOUT4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn