Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603G225J5RACT1K0 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C0603G225J5RACT1K0
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603G225J5RACT1K0 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C0603G225J5RACT1K0 Datasheet HTML 4Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 5Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 6Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 7Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 8Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 9Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 10Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 11Page - Kemet Corporation C0603G225J5RACT1K0 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade)
Table 3A – Land Pattern Design Recommendations per IPC–7351 – Standard Termination
EIA
Size
Code
Metric
Size
Code
Density Level A:
Maximum (Most)
Land Protrusion (mm)
Density Level B:
Median (Nominal)
Land Protrusion (mm)
Density Level C:
Minimum (Least)
Land Protrusion (mm)
C
Y
X
V1
V2
C
Y
X
V1
V2
C
Y
X
V1
V2
0402
1005
0.50
0.72
0.72
2.20
1.20
0.45
0.62
0.62
1.90
1.00
0.40
0.52
0.52
1.60
0.80
0603
1608
0.90
1.15
1.10
4.00
2.10
0.80
0.95
1.00
3.10
1.50
0.60
0.75
0.90
2.40
1.20
0805
2012
1.00
1.35
1.55
4.40
2.60
0.90
1.15
1.45
3.50
2.00
0.75
0.95
1.35
2.80
1.70
1206
3216
1.60
1.35
1.90
5.60
2.90
1.50
1.15
1.80
4.70
2.30
1.40
0.95
1.70
4.00
2.00
1210
3225
1.60
1.35
2.80
5.65
3.80
1.50
1.15
2.70
4.70
3.20
1.40
0.95
2.60
4.00
2.90
1812
4532
2.15
1.60
3.60
6.90
4.60
2.05
1.40
3.50
6.00
4.00
1.95
1.20
3.40
5.30
3.70
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow solder
processes. KEMET only recommends wave soldering of EIA 0603, 0805 and 1206 case sizes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component density product applications. Before adapting the minimum land pattern variations the user should perform qualification
testing based on the conditions outlined in IPC Standard 7351 (IPC–7351).
Image below based on Density Level B for an EIA 1210 case size.
Y
C
C
X
X
V1
V2
Grid Placement Courtyard
Y


Similar Part No. - C0603G225J5RACT1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603G104K5RAC KEMET-C0603G104K5RAC Datasheet
70Kb / 1P
   Ceramic, 175C, 175C-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, High Temperature, Class II
C0603G104K5RACTU KEMET-C0603G104K5RACTU Datasheet
520Kb / 4P
   SMD Indust X7R HT175C, Ceramic, 0.1 uF, 10%, 50 VDC, X7R, SMD, MLCC, High Temperature, Class II, 0603
C0603G154K3RACT250 KEMET-C0603G154K3RACT250 Datasheet
70Kb / 1P
   Ceramic, 175C, 175C-(CxxxxC), 0.15 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, High Temperature, Class II
More results

Similar Description - C0603G225J5RACT1K0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com