Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X563F2GALTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0603X563F2GALTU
Description  Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X563F2GALTU Datasheet(HTML) 2 Page - Kemet Corporation

  C0603X563F2GALTU Datasheet HTML 1Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 2Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 3Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 4Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 5Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 6Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 7Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 8Page - Kemet Corporation C0603X563F2GALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1062_C0G_FT-CAP_SMD • 5/23/2016
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), C0G Dielectric, 10 – 250 VDC (Commercial & Automotive Grade)
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)
Bulk Bag/Unmarked
Not required (Blank)
7" Reel/Unmarked
TU
13" Reel/Unmarked
7411 (EIA 0603 and smaller case sizes)
7210 (EIA 0805 and larger case sizes)
7" Reel/Unmarked / 2 mm pitch2
7081
13" Reel/Unmarked / 2 mm pitch2
7082
1
Default packaging is “Bulk Bag”. An ordering code C-Spec is not required for “Bulk Bag” packaging.
1
The terms “Marked” and “Unmarked” pertain to laser marking option of capacitors. All packaging options labeled as “Unmarked” will contain capacitors that have
not been laser marked. The option to laser mark is not available on these devices. For more information see “Capacitor Marking”.
2
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size
devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”.
Benefits
• −55°C to +125°C operating temperature range
• Superior flex performance (up to 5 mm)
• Lead (Pb)-Free, RoHS and REACH compliant
• EIA 0603, 0805, 1206, 1210, 1812, 1825, 2220, and
2225 case sizes
• DC voltage ratings of 10 V, 16 V, 25 V, 50 V, 100 V,
200 V and 250 V
• Capacitance offerings ranging from 0.5 pF up to 0.47 μF
• Available capacitance tolerances of ±0.10pF, ±0.25 pF,
±0.5 pF, ±1%, ±2%, ±5%, ±10%, and ±20%
• No piezoelectric noise
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
• Preferred capacitance solution at line frequencies and into the
MHz range
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from
−55°C to +125°C
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing for
excellent solderability
• Commercial & Automotive (AEC–Q200) Grades available
• SnPb termination finish option available upon request
(5% Pb minimum)
Applications
Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass,
filtering, transient voltage suppression and blocking, as well as energy storage in critical and safety relevant circuits without (integrated)
current limitation, including those subject to high levels of board flexure or temperature cycling.


Similar Part No. - C0603X563F2GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X563F2GALTU KEMET-C0603X563F2GALTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results

Similar Description - C0603X563F2GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com