Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2225H393CFGALTU Datasheet(PDF) 9 Page - Kemet Corporation

Part # C2225H393CFGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2225H393CFGALTU Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C2225H393CFGALTU Datasheet HTML 5Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 6Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 7Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 8Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 9Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 10Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 11Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 12Page - Kemet Corporation C2225H393CFGALTU Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 9
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Capacitance
Cap
Code
Case Size/Series
C1812H
C1825H
C2220H
C2225H
Voltage Code
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
5,100 pF
512
F
G
J
K
M GH GK GO
HG HE HG HK
JK
JK
JK
JL
KE KF KF KH
5,600 pF
562
F
G
J
K
M GH GK GO
HG HE HG HK
JK
JK
JK JN
KE KF KF KH
6,200pF
622
F
G
J
K
M GH GK
HG HE HG
JK
JE
JE JN
KE KF KF KJ
6,800pF
682
F
G
J
K
M GH GM
HG HE HJ
JK
JE
JK JN
KE KF KF KJ
7,500pF
752
F
G
J
K
M GH GM
HG HE HJ
JK
JE
JK
KF KE KF
8,200 pF
822
F
G
J
K
M GK GO
HG HE HJ
JK
JE
JL
KF KE KF
9,100 pF
912
GM GO
HE HG HK
JE
JE
JL
KF KE KH
10,000 pF
103
GM GO
HE HG HK
JE
JE
JL
KF KE KH
12,000 pF
123
GO
HE HG
JE
JK JN
KE KE KH
15,000 pF
153
GO
HE HJ
JE
JL
KE KF KJ
18,000 pF
183
HG HK
JE
JL
KE KH
22,000 pF
223
HJ
JK JN
KF KJ
27,000 pF
273
HJ
JL
JN
KF KJ
33,000 pF
333
HK
JN
KH
39,000 pF
393
KJ
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Case Size/Series
C1812H
C1825H
C2220H
C2225H
Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes) cont’d
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts..


Similar Part No. - C2225H393CFGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225C101JARAC KEMET-C2225C101JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C101KARAC KEMET-C2225C101KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C101MARAC KEMET-C2225C101MARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C103JARAC KEMET-C2225C103JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C103JCGACTU KEMET-C2225C103JCGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 5%, 500 V, 2225, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C2225H393CFGALTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com