Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL1004 Datasheet(PDF) 5 Page - International Rectifier

Part # IRL1004
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1004 Datasheet(HTML) 5 Page - International Rectifier

  IRL1004 Datasheet HTML 1Page - International Rectifier IRL1004 Datasheet HTML 2Page - International Rectifier IRL1004 Datasheet HTML 3Page - International Rectifier IRL1004 Datasheet HTML 4Page - International Rectifier IRL1004 Datasheet HTML 5Page - International Rectifier IRL1004 Datasheet HTML 6Page - International Rectifier IRL1004 Datasheet HTML 7Page - International Rectifier IRL1004 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRL1004
www.irf.com
5
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
4.5V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRL1004

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL1004 ISC-IRL1004 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
National Semiconductor ...
IRL1004L NSC-IRL1004L Datasheet
133Kb / 10P
   HEXFET Power MOSFET
logo
International Rectifier
IRL1004L IRF-IRL1004L Datasheet
124Kb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRL1004LPBF IRF-IRL1004LPBF Datasheet
206Kb / 10P
   HEXFET Power MOSFET
IRL1004PBF IRF-IRL1004PBF Datasheet
164Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRL1004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com