Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2308-1HDC Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT2308-1HDC
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2308-1HDC Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT2308-1HDC Datasheet HTML 1Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 2Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 3Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 4Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 5Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 6Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 7Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 8Page - Integrated Device Technology IDT2308-1HDC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308
3.3V ZERO DELAY CLOCK MULTIPLIER
PIN CONFIGURATION
SOIC/ TSSOP
TOP VIEW
REF
CLKA1
S2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
CLKA2
GND
CLKB1
FBK
CLKA4
GND
S1
VDD
VDD
CLKB2
CLKB3
CLKB4
CLKA3
Symbol
Rating
Max.
Unit
VDD
SupplyVoltageRange
–0.5 to +4.6
V
VI(2)
InputVoltageRange(REF)
–0.5 to +5.5
V
VI
InputVoltageRange
–0.5to
V
(except REF)
VDD+0.5
IIK (VI < 0)
InputClampCurrent
–50
mA
IOK
TerminalVoltagewithRespect
±50
mA
(VO < 0 or VO > VDD) to GND (inputs VIH 2.5, VIL 2.5)
IO
ContinuousOutputCurrent
±50
mA
(VO = 0 to VDD)
VDD or GND
ContinuousCurrent
±100
mA
TA = 55°C
Maximum Power Dissipation
0.7
W
(instillair)(3)
TSTG
StorageTemperatureRange
–65to+150
°C
Operating
CommercialTemperature
0 to +70
°C
Temperature
Range
Operating
IndustrialTemperature
-40 to +85
°C
Temperature
Range
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150
°C and a board trace length of 750 mils.
APPLICATIONS:
• SDRAM
• Telecom
• Datacom
• PC Motherboards/Workstations
• Critical Path Delay Designs
Pin Number
FunctionalDescription
REF (1)
1
InputReferenceClock,5VoltTolerantInput
CLKA1(2)
2
Clock Output for Bank A
CLKA2(2)
3
Clock Output for Bank A
VDD
4
3.3V Supply
GND
5
Ground
CLKB1(2)
6
Clock Output for Bank B
CLKB2(2)
7
Clock Output for Bank B
S2(3)
8
Select Input, Bit 2
S1(3)
9
Select Input, Bit 1
CLKB3(2)
10
Clock Output for Bank B
CLKB4(2)
11
Clock Output for Bank B
GND
12
Ground
VDD
13
3.3V Supply
CLKA3(2)
14
Clock Output for Bank A
CLKA4(2)
15
Clock Output for Bank A
FBK
16
PLLFeedbackInput
NOTES:
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - IDT2308-1HDC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
More results

Similar Description - IDT2308-1HDC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com