Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM31HK103R2A3 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NFM31HK103R2A3
Description  This product specification is applied to Chip EMIFIL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM31HK103R2A3 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NFM31HK103R2A3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM31HK103R2A3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
■AEC-Q200 Murata Standard Specification and Test Methods
Mechanical Performance (based on Table 2 for Tantalum & Ceramic Capacitors)
AEC-Q200 Rev.D issued June 1. 2010
Table A
Appearance
No damage
Capacitance Change
Within +/-7.5%
I.R.
Meet initial value Shown in Rated value.)
DC Resistance
0.05Ω max.
Tabe B
Appearance
No damage
Capacitance Change
Within +/-7.5%
DC Resistance
0.05Ω max.
Table C
Appearance
No damage
Capacitance
Meet initial value Shown in Rated value.)
DC Resistance
0.05Ω max.
Table D
Appearance
No damage
Capacitance Change
Within +/-12.5%
I.R.
50M Ω min.
DC Resistance
0.05Ω max.
Table E
Murata PN
DC Resistance
Value After Testing
(Ω) max.
ESD Component
Classification
1C: 1kV(DC) to<2kV(DC)
NFM31HK series
0.05
1C
JEMCPS-02916
5


Similar Part No. - NFM31HK103R2A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM31HK103R2A3 MURATA1-NFM31HK103R2A3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - NFM31HK103R2A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com