Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2305-1DCGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT2305-1DCGI
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305-1DCGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT2305-1DCGI Datasheet HTML 2Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 3Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 4Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 5Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 6Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 7Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 8Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 9Page - Integrated Device Technology IDT2305-1DCGI Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
PACKAGE OUTLINE AND PACKAGE DIMENSIONS - SOIC
H
E
H
D
12
N
INDEX
AREA
h x 45°
α
C
L
e
B
A
A1
SEATING
PLANE
.10 (.004)
SYMBOL
A
A1
B
C
D
E
e
H
h
L
N
α
MIN
MAX
SEE VARIATIONS
SEE VARIATIONS
MIN
MAX
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
(1)
1.35
1.75
.0532
.0688
0.10
0.25
.0040
.0098
0.33
0.51
.0130
.0200
0.19
0.25
.0075
.0098
3.80
4.00
.1497
.1574
1.27 BASIC
0.050 BASIC
5.80
6.20
0.25
0.50
0.40
1.27
.2284
.2440
.010
.020
.016
.050
150 mil (Narrow Body) SOIC
N
8
14
16
MIN
MAX
MIN
MAX
D(mm)
D(inch)
(1)
4.80
5.00
.1890
.1968
8.55
8.75
.3367
.3444
9.80
10.00
.3859
.3937
NOTE:
1. For reference only. Controlling dimensions are in mm.
VARIATIONS
NOTE:
1. For reference only. Controlling dimensions are in mm.


Similar Part No. - IDT2305-1DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305-1DCGI IDT-IDT2305-1DCGI Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2305-1DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com