Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM21HC102R1H3 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NFM21HC102R1H3
Description  This product specification is applied to Chip EMIFIL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM21HC102R1H3 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NFM21HC102R1H3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NFM21HC102R1H3 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1.Operating Environment
Do not use this product under the following environmental conditions, on deterioration of the performance, such as
insulation resistance may result from the use.
(1) in the corrodible atmosphere (acidic gases, alkaline gases, chlorine, sulfur gases, organic gases and etc.)
(2) in the atmosphere where liquid such as organic solvent, may splash on the products.
(3) in the atmosphere where dust rises.
2. Caution (Rating)
Do not use products beyond the Operating Temperature Range, Rated Voltage and Rated Current.
3. Attention regarding product's lay out
< Attention regarding the heat generated by other products >
Please provide special attention when mounting products in close proximity to other products that radiate heat.
4. Attention regarding chip mounting
An excessively low bottom dead point of the suction nozzle imposes great force on the chip during mounting,
causing cracked chips.
Please set the suction nozzle's bottom dead point on the upper surface of the board, after the board is adjusted flat.
The chip received force (static loading) from the suction nozzle's should be 1N to 3N.
5. Note for Assembling
< Thermal Shock >
Pre-heating should be in such a way that the temperature difference between solder and products surface is limited
to 100°C max. Also cooling into solvent after soldering should be in such a way that the temperature difference is
limited to 100°C max.
Caution
!
JEMCPC-02249A
7


Similar Part No. - NFM21HC102R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM21HC102R1H3 MURATA1-NFM21HC102R1H3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - NFM21HC102R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com