Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM15PC224D0J3 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NFM15PC224D0J3
Description  This product specification is applied to Chip EMIFIL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM15PC224D0J3 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NFM15PC224D0J3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM15PC224D0J3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Mechanical Performance
No
Specification
Test Method
1 Appearance and
Appearance:No defects or abnormalities.
Appearance:Visual inspection.
Dimensions
Dimensions:Within the specified dimensions.
Dimensions:Using calipers.
2 Solderability
Flux : Ethanol solution of rosin, 25(wt)%
Pre-heat : 150±10°C, 60 to 90s
Solder : Sn-3.0Ag-0.5Cu
Solder Temperature : 240 ± 3°C
Immersion Time : 3±1 s
Immersion and emersion rates : 25mm / s
3 Resistance to
Meet Table 1.
Flux : Ethanol solution of rosin, 25(wt)%
soldering heat
Table 1
Pre-heat : 150±10°C, 60 to 90s
Solder : Sn-3.0Ag-0.5Cu
Solder Temperature : 270 ± 5°C
Immersion Time : 10 ± 1 s
Immersion and emersion rates : 25mm / s
Initial values :
measured after heat treatment (150+0 / -10 °C,1hour) and
exposure in the room condition for 48±4 hours.
Then measured after exposure in the room condition for 48±
4 hours.
4 Bending Strength
Meet Table 2.
It shall be soldered on the glass-epoxy substrate
Table 2
(100×40×0.8mm).
Deflection : 1.0 mm
Keeping Time : 5 s
(in mm)
5 Drop
It shall be dropped on concrete or steel board.
Height : 1m
Method : Free fall
Attitude from which the product is dropped : 3 directions
6 Bonding Strength
It shall be soldered on the glass-epoxy substrate.
Applying Force (F) : 5 N
Applying Time : 5 s(NFM15PC473/104/224/435)
10 s(NFM15PC474/105)
(in mm)
7 Vibration
Meet Table 3.
It shall be soldered on the glass-epoxy substrate.
Table 3
Oscillation Frequency : 10 to 2000 to 10Hz for 20 minute.
Total amplitude 3.0 mm or Acceleration amplitude 196m/s2
whichever is smaller.
Time : A period of 2 hours in each of 3 mutually
perpendicular directions. (Total 6 hours)
Preconditioning : Heat treatment (150+0 / -10 °C,1hour)
■SPECIFICATIONS AND TEST METHODS
Item
The electrodes shall be no failure after tested.
Products shall be no failure after tested.
Electrodes shall be at least 90% covered with
new solder coating.
The Number of Time : 3 times for each direction
(Total 9 times)
1.6
0.25
0.3
R0.5
Appearance
No damaged
Cap. Change
Within ±7.5%
DC
Resistance
0.05
max.
Appearance
No damaged
Cap. Change
Within ±7.5%
I.R.
Meet the initial rated
value.
DC
Resistance
0.05
 max.
Appearance
No damaged
Capacitance
Meet the initial rated
value.
DC
Resistance
0.05
max.
45
R340
F
Deflection
45
Product
Pressure jig
JEMCPS-02208C
3


Similar Part No. - NFM15PC224D0J3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM15PC224D0J3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com