Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM15PC105R0G3 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # NFM15PC105R0G3
Description  This product specification is applied to Chip EMIFIL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM15PC105R0G3 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button NFM15PC105R0G3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFM15PC105R0G3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6. Reworking with Soldering iron
The following conditions shall be strictly followed when using a soldering iron.
• Tip temperature : 340°C max.
• Tip diameter : φ2mm max.
• Soldering time : 3(+1,-0) s
• Times : 1time only.
• Soldering iron output : 30W max.
Note : Adjust the pre-heat temperature to ⊿T<190℃ between the component and a soldering iron.
Do not directly touch the products with the tip of the soldering iron in order to prevent the crack
on the material due to the thermal shock.
7. Solder Volume
Solder shall be used not to be exceeded as shown below.
Accordingly increasing the solder volume, the mechanical stress to product is also increased.
Excessive solder volume may cause the failure of mechanical or electrical performance.
8. Cleaning Conditions
Products shall be cleaned on the following conditions.
(1) Cleaning temperature shall be limited to 60°C max. (40°C max. for Isopropyl alcohol (IPA))
(2) Ultrasonic cleaning shall comply with the following conditions, with avoiding the resonance phenomenon at the
mounted products and P.C.B.
Power
: 20W / l max.
Frequency : 28kHz to 40kHz
Time
: 5 minutes max.
(3) Cleaner
1. Cleaner
  Isopropyl alcohol (IPA)
2. Aqueous agent
  PINE ALPHA ST-100S
(4) There shall be no residual flux and residual cleaner after cleaning.
In the case of using aqueous agent, products shall be dried completely after rinse with de-ionized water in order to
remove the cleaner.
(5) Other cleaning
Please contact us.
9. Operating Environment
Do not use this product under the following environmental conditions, on deterioration of the performance, such as
insulation resistance may result from the use.
(1) in the corrodible atmosphere (acidic gases, alkaline gases, chlorine, sulfur gases, organic gases and etc.)
(2) in the atmosphere where liquid such as organic solvent, may splash on the products.
(3) in the atmosphere where the temperature / humidity changes rapidly and it is easy to dew.
10. Resin coating
The capacitance value may change and/or it may affect on the product's performance due to high cure-stress of resin
to be used for coating / molding products. So please pay your careful attention when you select resin. In prior to use, please
make the reliability evaluation with the product mounted in your application set.
11. Handling of a substrate
After mounting products on a substrate, do not apply any stress to the product caused by bending or twisting to the substrate
when cropping the substrate, inserting and removing a connector from the substrate or tightening screw to the substrate.
Excessive mechanical stress may cause cracking in the product.
      Bending
                
     Twisting
Notice
Upper Limit
Recommendable
1/3T
t T(T:Chip thickness)
t
Recommendable
Upper Limit
1/3T≤t (T:Chip Thickness)
JEMCPC-02243C
8


Similar Part No. - NFM15PC105R0G3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15PC104D0J3 MURATA-NFM15PC104D0J3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC104R1A3 MURATA-NFM15PC104R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM15PC105R0G3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com