Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2113S Datasheet(PDF) 6 Page - International Rectifier

Part # IR2113S
Description  HIGH AND LOW SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113S Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2113S Datasheet HTML 2Page - International Rectifier IR2113S Datasheet HTML 3Page - International Rectifier IR2113S Datasheet HTML 4Page - International Rectifier IR2113S Datasheet HTML 5Page - International Rectifier IR2113S Datasheet HTML 6Page - International Rectifier IR2113S Datasheet HTML 7Page - International Rectifier IR2113S Datasheet HTML 8Page - International Rectifier IR2113S Datasheet HTML 9Page - International Rectifier IR2113S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
www.irf.com
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Figure 1. Input/Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
Figure 3. Switching Time Test Circuit
Figure 4. Switching Time Waveform Definition
Figure 6. Delay Matching Waveform Definitions
Figure 5. Shutdown Waveform Definitions
HIN
LIN
tr
ton
tf
toff
HO
LO
50%
50%
90%
90%
10%
10%
HIN
LIN
HO
50%
50%
10%
LO
90%
MT
HO
LO
MT
SD
tsd
HO
LO
50%
90%
10
µF
0.1
µF
V =15V
cc
9
36
5
7
1
2
13
12
11
10
HIN
SD
LIN
HO
LO
0.1
µF
10
µF
10
µF
CL
CL
VB
+
-
S
V
(0 to 500V/600V)
15V
10
µF
0.1
µF
V =15V
cc
9
36
5
7
1
2
13
12
11
10
HO
0.1
µF
OUTPUT
MONITOR
10KF6
10KF6
200
µH
10KF6
100
µF
+
IRF820
HV = 10 to 500V/600V
dVS
>50 V/ns
dt


Similar Part No. - IR2113S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2113S INFINEON-IR2113S Datasheet
491Kb / 17P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60147 rev.V
logo
International Rectifier
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2113S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com