Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2110 Datasheet(PDF) 1 Page - International Rectifier

Part No. IR2110
Description  HIGH AND LOW SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2110 Datasheet(HTML) 1 Page - International Rectifier

  IR2110 Datasheet HTML 1Page - International Rectifier IR2110 Datasheet HTML 2Page - International Rectifier IR2110 Datasheet HTML 3Page - International Rectifier IR2110 Datasheet HTML 4Page - International Rectifier IR2110 Datasheet HTML 5Page - International Rectifier IR2110 Datasheet HTML 6Page - International Rectifier IR2110 Datasheet HTML 7Page - International Rectifier IR2110 Datasheet HTML 8Page - International Rectifier IR2110 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
Floating channel designed for bootstrap operation
Fully operational to +500V or +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout for both channels
3.3V logic compatible
Separate logic supply range from 3.3V to 20V
Logic and power ground ±5V offset
CMOS Schmitt-triggered inputs with pull-down
Cycle by cycle edge-triggered shutdown logic
Matched propagation delay for both channels
Outputs in phase with inputs
Data Sheet No. PD60147 rev.U
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET (IR2110)
500V max.
(IR2113)
600V max.
IO+/-
2A / 2A
VOUT
10 - 20V
ton/off (typ.)
120 & 94 ns
Delay Matching (IR2110) 10 ns max.
(IR2113) 20ns max.
www.irf.com
1
Description
The IR2110/IR2113 are high voltage, high speed power MOSFET and
IGBT drivers with independent high and low side referenced output chan-
nels. Proprietary HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. Logic inputs are compatible with
standard CMOS or LSTTL output, down to 3.3V logic. The output
drivers feature a high pulse current buffer stage designed for minimum
driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The
floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which
operates up to 500 or 600 volts.
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
HIN
up to 500V or 600V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical
connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
Typical Connection
Packages
14-Lead PDIP
IR2110/IR2113
16-Lead SOIC
IR2110S/IR2113S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM5100 High Voltage High Side and Low Side Gate Driver 1  2  3  4  5  More National Semiconductor (TI)
IR2110E4 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
IR2113 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
TP2150B DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER 1  2  3  4  5  More Tripath Technology Inc.
IR2131 3 HIGH SIDE AND 3 LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
MPIC2112 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More Motorola, Inc
RIC7113A4 RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1  2  3  4  5  More International Rectifier
MPIC2113 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More Motorola, Inc
IR2102 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn