Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2305-1H Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT2305-1H
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305-1H Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT2305-1H Datasheet HTML 2Page - Integrated Device Technology IDT2305-1H Datasheet HTML 3Page - Integrated Device Technology IDT2305-1H Datasheet HTML 4Page - Integrated Device Technology IDT2305-1H Datasheet HTML 5Page - Integrated Device Technology IDT2305-1H Datasheet HTML 6Page - Integrated Device Technology IDT2305-1H Datasheet HTML 7Page - Integrated Device Technology IDT2305-1H Datasheet HTML 8Page - Integrated Device Technology IDT2305-1H Datasheet HTML 9Page - Integrated Device Technology IDT2305-1H Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
ZERO DELAY AND SKEW CONTROL
All outputs should be uniformly loaded in order to achieve Zero I/O Delay. Since the CLKOUT pin is the internal feedback for the PLL, its relative
loading can affect and adjust the input/output delay. The Output Load Difference diagram illustrates the PLL's relative loading with respect to the other
outputs that can adjust the Input-Output (I/O) Delay.
For designs utilizing zero I/O Delay, all outputs including CLKOUT must be equally loaded. Even if the output is not used, it must have a capacitive
load equal to that on the other outputs in order to obtain true zero I/O Delay. If I/O Delay adjustments are needed, use the Output Load Difference diagram
to calculate loading differences between the CLKOUT pin and other outputs. For zero output-to-output skew, all outputs must be loaded equally.
REF TO CLKA/CLKB RELAY vs. OUTPUT LOAD DIFFERENCE BETWEEN CLKOUT PIN AND CLKA/CLKB PINS
OUTPUT LOAD DIFFERENCE BETWEEN CLKOUT PIN AND CLKA/CLKB PINS (pF)
1500
1000
500
0
-500
-1000
-1500
-30
-25
-20
-15
-10
-5
05
10
15
20
25
30


Similar Part No. - IDT2305-1H

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305-1HDC IDT-IDT2305-1HDC Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305-1HDCG IDT-IDT2305-1HDCG Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305-1HDCGI IDT-IDT2305-1HDCGI Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305-1HDCI IDT-IDT2305-1HDCI Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2305-1H

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com