Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMJ7N70SK3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMJ7N70SK3
Description  Low Gate Input Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMJ7N70SK3 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMJ7N70SK3 Datasheet HTML 1Page - Diodes Incorporated DMJ7N70SK3 Datasheet HTML 2Page - Diodes Incorporated DMJ7N70SK3 Datasheet HTML 3Page - Diodes Incorporated DMJ7N70SK3 Datasheet HTML 4Page - Diodes Incorporated DMJ7N70SK3 Datasheet HTML 5Page - Diodes Incorporated DMJ7N70SK3 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMJ7N70SK3
Document number: DS36907 Rev. 3 - 2
3 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMJ7N70SK3
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
123
V= 3.5V
GS
45
6
7
8
9
10
V= 4.0V
GS
V= 4.5V
GS
V= 5.0V
GS
V= 5.5V
GS
V
= 25V
GS
V
= 15V
GS
V= 10V
GS
V= 6.0V
GS
V= 8.0V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
1
2
3
4
5
01
23
4
5
67
89
10
V
= 20V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
01
2
3
4
5
V
= 10V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
0
1
2
3
4
5
0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
I= 2.5A
D
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
1
2
3
4
5
0
1
2
345
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 10V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125 150
V=
V
I= 1A
GS
D
5.0
V=
V
I= 5A
GS
D
10


Similar Part No. - DMJ7N70SK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
417Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMJ7N70SK3 ISC-DMJ7N70SK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMJ7N70SK3-13 DIODES-DMJ7N70SK3-13 Datasheet
417Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ7N70SK3 DIODES-DMJ7N70SK3_15 Datasheet
288Kb / 6P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ7N70SK3 DIODES-DMJ7N70SK3_17 Datasheet
417Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMJ7N70SK3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com