Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMGD7N45SSD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMGD7N45SSD
Description  Low Input Capacitance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMGD7N45SSD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMGD7N45SSD Datasheet HTML 1Page - Diodes Incorporated DMGD7N45SSD Datasheet HTML 2Page - Diodes Incorporated DMGD7N45SSD Datasheet HTML 3Page - Diodes Incorporated DMGD7N45SSD Datasheet HTML 4Page - Diodes Incorporated DMGD7N45SSD Datasheet HTML 5Page - Diodes Incorporated DMGD7N45SSD Datasheet HTML 6Page - Diodes Incorporated DMGD7N45SSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMGD7N45SSD
Document number: DS36011 Rev. 7 - 2
5 of 7
www.diodes.com
February 2014
© Diodes Incorporated
DMGD7N45SSD
V , DRAIN-SOURCE VOLTAGE (V)
Figure 13 SOA, Safe Operation Area
DS
10
0.1
1
10
100
1000
1
0.1
0.01
0.001
T
= 150°C
T = -25°C
J(max)
A
V
= 10V
Single Pulse
GS
DUT on 1 * MRP Board
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 14 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
T
= 150°C
T = 85°C
J(max)
A
V
= 10V
Single Pulse
GS
DUT on 1 * MRP Board
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 15 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
T
= 150°C
T = 125°C
J(max)
A
V
= 10V
Single Pulse
GS
DUT on 1 * MRP Board
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Figure 16 Transient Thermal Resistance
0.001
0.01
0.1
1
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 98°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA


Similar Part No. - DMGD7N45SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMGD7N45SSD DIODES-DMGD7N45SSD_15 Datasheet
311Kb / 7P
   450V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMGD7N45SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
   Low Input Capacitance
DMN6070SSD DIODES-DMN6070SSD Datasheet
240Kb / 6P
   Low Input Capacitance
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
   Low Input Capacitance
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
   Low input capacitance
Rev. A, 29-Aug-16
logo
Diodes Incorporated
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
   Low Input Capacitance
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
   Low Input Capacitance
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
   Low Input Capacitance
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
   Low Input Capacitance
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
   Low Input Capacitance
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
   Low Input Capacitance
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
   Low Input Capacitance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com