Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG7410SFG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMG7410SFG-13
Description  Qualified to AEC-Q101 Standards for High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG7410SFG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMG7410SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMG7410SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMG7410SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMG7410SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMG7410SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMG7410SFG-13 Datasheet HTML 6Page - Diodes Incorporated DMG7410SFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMG7410SFG
Document number: DS35108 Rev. 8 - 2
3 of 7
www.diodes.com
July 2015
© Diodes Incorporated
DMG7410SFG
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
0.1
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
0.8
1.2
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
13.5
20
m
Ω
VGS = 10V, ID = 10A
-
22
27
VGS = 4.5V, ID = 7.5A
Forward Transfer Admittance
|Yfs|
-
13.0
-
S
VDS = 5V, ID = 10A
Diode Forward Voltage
VSD
-
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
-
580
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
110
-
Reverse Transfer Capacitance
Crss
-
70
-
Gate Resistance
Rg
-
2.0
3.0
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
-
5.3
-
nC
VGS = 4.5V, VDS = 15V, ID = 10A
Total Gate Charge VGS = 10V
Qg
-
11.3
-
VGS = 10V, VDS = 15V,
ID = 10A
Gate-Source Charge
Qgs
-
1.9
-
Gate-Drain Charge
Qgd
-
1.9
-
Turn-On Delay Time
tD(on)
-
4.4
-
ns
VGS = 10V, VDS = 15V,
RL = 15Ω, RG = 6Ω
Turn-On Rise Time
tr
-
4.6
-
ns
Turn-Off Delay Time
tD(off)
-
19.5
-
ns
Turn-Off Fall Time
tf
-
5.8
-
ns
Bodyy Diode Reverse Recovery Time
trr
-
12.6
-
ns
IF=8A, di/dt=500A/µs
Body Diode Reverse Recovery Charge
Qrr
-
10.5
-
nC
Notes:
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to production testing.
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ
T
= 150°C
T = 25°C
Single Pulse
J(max)
A
0
50
100
150
200
250
300
350
400
t1, PULSE DURATION TIME (sec)
Fig. 2 Single Pulse Maximum Power Dissipation
0.001 0.01
0.1
1
10
100
1,000
0.0001
Single Pulse
R
= 60 C/W
R
= r
* R
T - T = P * R

JA
JA(t)
(t)
JA
J
A
JA(t)


Similar Part No. - DMG7410SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG7410SFG-13 DIODES-DMG7410SFG-13 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results

Similar Description - DMG7410SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com