Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG3401LSN-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG3401LSN-7
Description  Low Input Capacitance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG3401LSN-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG3401LSN-7 Datasheet HTML 1Page - Diodes Incorporated DMG3401LSN-7 Datasheet HTML 2Page - Diodes Incorporated DMG3401LSN-7 Datasheet HTML 3Page - Diodes Incorporated DMG3401LSN-7 Datasheet HTML 4Page - Diodes Incorporated DMG3401LSN-7 Datasheet HTML 5Page - Diodes Incorporated DMG3401LSN-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG3401LSN
Document number: DS35502 Rev. 4 - 2
2 of 6
www.diodes.com
October 2012
© Diodes Incorporated
DMG3401LSN
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.0
-2.3
A
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.7
-2.9
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
-30
A
Maximum Body Diode Continuous Current (Note 6)
IS
-1.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 5)
PD
0.8
W
(Note 6)
1.2
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
159
°C/W
(Note 6)
105
Thermal Resistance, Junction to Case
(Note 6)
RθJC
36
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
-1.0
µA
VDS =-30V, VGS = 0V
Gate-Body Leakage
IGSS
-
-
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.5
-1.0
-1.3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
41
50
m
Ω
VGS = -10V, ID = -4A
-
47
60
VGS = -4.5V, ID = -3.5A
-
60
85
VGS = -2.5V, ID = -2.5A
Forward Transfer Admittance
|Yfs|
-
12
-
S
VDS = -5V, ID = -4A
Diode Forward Voltage
VSD
-
-0.8
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
1326
-
pF
VDS = -15V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
-
103
-
Reverse Transfer Capacitance
Crss
-
71
-
Gate Resistance
Rg
-
7.3
-
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
-
11.6
-
nC
VDD = -15V, ID = -4A
Total Gate Charge (VGS = -10V)
Qg
-
25.1
-
Gate-Source Charge
Qgs
-
2
-
Gate-Drain Charge
Qgd
-
1.7
-
Turn-On Delay Time
tD(on)
-
8
-
nS
VDS = -15V, VGS = -10V,
RGEN = 6Ω, RL = 3.75Ω
Turn-On Rise Time
tr
-
13
-
Turn-Off Delay Time
tD(off)
-
71
-
Turn-Off Fall Time
tf
-
38
-
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing


Similar Part No. - DMG3401LSN-7

ManufacturerPart #DatasheetDescription
logo
TY Semiconductor Co., L...
DMG3401LSN-7 TYSEMI-DMG3401LSN-7 Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG3401LSN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
   Low Input Capacitance
DMN6070SSD DIODES-DMN6070SSD Datasheet
240Kb / 6P
   Low Input Capacitance
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
   Low Input Capacitance
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
   Low input capacitance
Rev. A, 29-Aug-16
logo
Diodes Incorporated
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
   Low Input Capacitance
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
   Low Input Capacitance
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
   Low Input Capacitance
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
   Low Input Capacitance
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
   Low Input Capacitance
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
   Low Input Capacitance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com