Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7556 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICM7556
Description  Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7556 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICM7556 Datasheet HTML 2Page - Intersil Corporation ICM7556 Datasheet HTML 3Page - Intersil Corporation ICM7556 Datasheet HTML 4Page - Intersil Corporation ICM7556 Datasheet HTML 5Page - Intersil Corporation ICM7556 Datasheet HTML 6Page - Intersil Corporation ICM7556 Datasheet HTML 7Page - Intersil Corporation ICM7556 Datasheet HTML 8Page - Intersil Corporation ICM7556 Datasheet HTML 9Page - Intersil Corporation ICM7556 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Typical Performance Curves
FIGURE 4. MINIMUM PULSE WIDTH REQUIRED FOR
TRIGGERING
FIGURE 5. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 6. OUTPUT SOURCE CURRENT vs OUTPUT VOLTAGE
FIGURE 7. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
FIGURE 8. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
FIGURE 9. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
TA = 25
oC
VDD = 2V
VDD = 18V
LOWEST VOLTAGE LEVEL OF TRIGGER PULSE (%VDD)
VDD = 5V
010
20
30
40
0
1200
1100
1000
900
800
700
600
500
400
300
200
100
SUPPLY VOLTAGE (V)
TA = 25
oC
TA = -20
oC
TA = 70
oC
0
2
4
6
8
101214
16
18
20
0
200
180
160
140
120
100
80
60
40
20
400
360
320
280
240
200
160
120
80
40
0
TA = 25
oC
VDD = 2V
VDD = 5V
VDD = 18V
-100
-10.0
-1.0
-0.1
-0.01
-0.1
-1.0
-10
OUTPUT VOLTAGE REFERENCED TO VDD (V)
TA = -20
oC
OUTPUT LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
TA = 25
oC
OUTPUT LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
TA = 70
oC
OUTPUT LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
ICM7555, ICM7556


Similar Part No. - ICM7556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7556 PHILIPS-ICM7556 Datasheet
105Kb / 9P
   General purpose CMOS timer
August 31, 1994
logo
Maxim Integrated Produc...
ICM7556 MAXIM-ICM7556 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7556 INTERSIL-ICM7556 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICM7556 INTERSIL-ICM7556 Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7556 INTERSIL-ICM7556 Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
More results

Similar Description - ICM7556

ManufacturerPart #DatasheetDescription
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Suntac Electronic Corp.
STC494 SUNTAC-STC494 Datasheet
236Kb / 8P
   Pulse Width Modulation
logo
AUK corp
S494 AUK-S494_1 Datasheet
350Kb / 9P
   Pulse Width Modulation
logo
Daewoo Semiconductor
DBL494 DAEWOO-DBL494 Datasheet
329Kb / 6P
   PULSE WIDTH MODULATION
logo
AUK corp
S494P AUK-S494P Datasheet
342Kb / 8P
   Pulse Width Modulation
logo
Cirrus Logic
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
   Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
   Pulse Width Modulation Amplifiers
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com