Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F002T Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY29F002T
Description  2 Megabit (256K x 8), 5 Volt-only, Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F002T Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY29F002T Datasheet HTML 6Page - Hynix Semiconductor HY29F002T Datasheet HTML 7Page - Hynix Semiconductor HY29F002T Datasheet HTML 8Page - Hynix Semiconductor HY29F002T Datasheet HTML 9Page - Hynix Semiconductor HY29F002T Datasheet HTML 10Page - Hynix Semiconductor HY29F002T Datasheet HTML 11Page - Hynix Semiconductor HY29F002T Datasheet HTML 12Page - Hynix Semiconductor HY29F002T Datasheet HTML 13Page - Hynix Semiconductor HY29F002T Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
Rev. 4.1/May 01
HY29F002T
Notes:
1. Any number of Flash array read cycles are permitted.
2. Additional data cycles may follow. See text.
3. Any number of Electronic ID read cycles are permitted.
d
n
a
m
m
o
C
e
c
n
e
u
q
e
S
s
e
l
c
y
C
s
u
B
f
o
r
e
b
m
u
N
k
c
o
l
n
U
d
n
a
m
m
o
C
a
t
a
D
1
t
e
s
e
R
/
d
a
e
R0
1
1
e
t
o
N
2
t
e
s
e
R
/
d
a
e
R2
1
1
e
t
o
N
m
a
r
g
o
r
P
e
t
y
B2
1
1
e
s
a
r
E
p
i
h
C4
1
1
e
s
a
r
E
r
o
t
c
e
S4
1
)
2
e
t
o
N
(
1
d
n
e
p
s
u
S
e
s
a
r
E0
1
0
e
m
u
s
e
R
e
s
a
r
E0
1
0
D
I
c
i
n
o
r
t
c
e
l
E2
1
3
e
t
o
N
Table 4. Composition of Command Sequences
A Read/Reset command must be issued in order
to read array data in the following cases:
n If the device is in the Electronic ID mode, a
Read/ Reset command must be written to re-
turn to the Read mode. If the device was in the
Erase Suspend mode when the device entered
the Electronic ID mode, writing the Read/Re-
set command returns the device to the Erase
Suspend mode.
Note: When in the Electronic ID bus operation mode,
the device returns to the Read mode when V
ID is re-
moved from the A[9] pin. The Read/Reset command is
not required in this case.
n If DQ[5] (Exceeded Time Limit) goes High dur-
ing a program or erase operation, writing the
reset command returns the sectors to the Read
mode (or to the Erase Suspend mode if the
device was in Erase Suspend).
The Read/Reset command may also be used to
abort certain command sequences:
n In a Sector Erase or Chip Erase command se-
quence, the Read/Reset command may be
written at any time before erasing actually be-
gins, including, for the Sector Erase command,
between the cycles that specify the sectors to
be erased (see Sector Erase command de-
scription). This aborts the command and re-
sets the device to the Read mode. Once era-
sure begins, however, the device ignores Read/
Reset commands until the operation is com-
plete.
n In a Program command sequence, the Read/
Reset command may be written between the
sequence cycles before programming actually
begins. This aborts the command and resets
the device to the Read mode, or to the Erase
Suspend mode if the Program command se-
quence is written while the device is in the
Erase Suspend mode. Once programming
begins, however, the device ignores Read/Re-
set commands until the operation is complete.
n The Read/Reset command may be written be-
tween the cycles in an Electronic ID command
sequence to abort that command. As described
above, once in the Electronic ID mode, the
Read/ Reset command must be written to re-
turn to the Read mode.
Byte Program Command
The host processor programs the device a byte at
a time by issuing the Program command sequence
shown in Table 5. The sequence begins by writ-
ing two unlock cycles, followed by the Program
setup command and, lastly, a data cycle specify-
ing the program address and data. This initiates
the Automatic Programming algorithm, which pro-
vides internally generated program pulses and
verifies the programmed cell margin. The host is
not required to provide further controls or timings
during this operation. When the Automatic Pro-
gramming algorithm is complete, the device re-
turns to the Read mode. Several methods are
provided to allow the host to determine the status
of the programming operation, as described in the
Write Operation Status section.
Commands written to the device during execution
of the Automatic Programming algorithm are ig-
nored. Note that a hardware reset immediately
terminates the programming operation. To en-
sure data integrity, the aborted program command
sequence should be reinitiated once the reset
operation is complete.
Programming is allowed in any sequence. Only
erase operations can convert a stored “0” to a “1”.
Thus, a bit cannot be programmed from a “0” back
to a “1”. Attempting to do so will set DQ[5] to “1”,
and the Data# Polling algorithm will indicate that
the operation was not successful. A Read/Reset
command or a hardware reset is required to exit


Similar Part No. - HY29F002T

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-12 HYNIX-HY29F040AC-12 Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-12E HYNIX-HY29F040AC-12E Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-12I HYNIX-HY29F040AC-12I Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
HY29F040AC-15 HYNIX-HY29F040AC-15 Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
More results

Similar Description - HY29F002T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com