Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HO-NP-0210 Datasheet(PDF) 2 Page - LEM

Part # HO-NP-0210
Description  Current Transducer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO-NP-0210 Datasheet(HTML) 2 Page - LEM

  HO-NP-0210 Datasheet HTML 1Page - LEM HO-NP-0210 Datasheet HTML 2Page - LEM HO-NP-0210 Datasheet HTML 3Page - LEM HO-NP-0210 Datasheet HTML 4Page - LEM HO-NP-0210 Datasheet HTML 5Page - LEM HO-NP-0210 Datasheet HTML 6Page - LEM HO-NP-0210 Datasheet HTML 7Page - LEM HO-NP-0210 Datasheet HTML 8Page - LEM HO-NP-0210 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page 2/12
25July2014/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 40 .. 150-NP series
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Supply voltage (not destructive)
U
C
V
8
Supply voltage (not entering non standard modes)
U
C
V
6.5
Primary conductor temperature
T
B
°C
120
ESD rating, Human Body Model (HBM)
U
ESD
kV
2
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum ratings for extended periods may
degrade reliability.
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC insulation test 50/60Hz/1 min
U
d
kV
4.3
Impulse withstand voltage 1.2/50 µs
Û
W
kV
8
Partial discharge extinction rms voltage @ 10 pC
U
e
V
>930
Primary / Secondary
Clearance (pri. - sec.)
d
CI
mm
>8
Shortest distance through air
Creepage distance (pri. - sec.)
d
Cp
mm
>8
Shortest path along device body
Clearance (pri. - sec.)
mm
>8
When mounted on PCB with
recommended layout
Case material
V0 according to
UL 94
Comparative tracking index
CTI
-
600
Application example
-
-
600 V
CAT III PD2
Reinforced insulation, non
uniform field according to
EN 50178, EN 61010
Application example
-
-
1000 V
CAT III PD2
Based insulation, non uniform
field according to
EN 50178, EN 61010
Application example
-
-
600 V
CAT III PD2
Simple insulation, non uniform
field according to
UL 508
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
-40
105
Ambient storage temperature
T
S
°C
-40
105
Mass
m
g
31


Similar Part No. - HO-NP-0210

ManufacturerPart #DatasheetDescription
logo
LEM
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
More results

Similar Description - HO-NP-0210

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com