Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HO10-P-SP33 Datasheet(PDF) 4 Page - LEM

Part No. HO10-P-SP33
Description  Current Transducer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO10-P-SP33 Datasheet(HTML) 4 Page - LEM

  HO10-P-SP33 Datasheet HTML 1Page - LEM HO10-P-SP33 Datasheet HTML 2Page - LEM HO10-P-SP33 Datasheet HTML 3Page - LEM HO10-P-SP33 Datasheet HTML 4Page - LEM HO10-P-SP33 Datasheet HTML 5Page - LEM HO10-P-SP33 Datasheet HTML 6Page - LEM HO10-P-SP33 Datasheet HTML 7Page - LEM HO10-P-SP33 Datasheet HTML 8Page - LEM HO10-P-SP33 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4/11
12February2014/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-P/SP33 SERIES
Electrical data I
PN = 6 A
At T
A = 25°C, UC = + 3.3 V, NP = 1 turn, RL = 10 KΩ unless otherwise noted (see Min, Max, typ. definition paragraph in page 6).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal rms current
I
PN
A
6
Primary current, measuring range
I
PM
A
-15
15
Number of primary turns
N
P
1,2,3
Supply voltage
U
C
V
3.14
3.3
3.46
Current consumption
I
C
mA
25
Reference voltage
V
ref
V
1.636
1.65
1.664
Internal reference
External reference voltage
V
ref
V
0.5
1.85
@ U
C = 3.3 ≈ 3.46 V
0.5
1.7
@ U
C = 3.14 ≈ 3.3 V
Output voltage range @ I
PM
V
out - Vref
V
-1.15
1.15
Output voltage @ I
P = 0 A
V
out
V
V
ref + VOE
Electrical offset voltage
V
OE
mV
-7
7
Temperature coefficient of V
ref
TCV
ref
ppm/K
±170
-20 °C .. 85 °C
Internal reference
±190
-40 °C .. 105 °C
Internal reference
Temperature coefficient of V
OE
TCV
OE
mV/K
±0.14
-40 °C .. 105 °C
Theoretical sensitivity
G
th
mV/A
76.67
460 mV/ I
PN
@ U
C = 3.3 V
Sensitivity error
ε
G
% of I
PN
±0.85
Factory adjustement
Temperature coefficient of G
TCG
ppm/K
±250
Linearity error 0 .. I
PN
ε
L
% of I
PN
±0.5
@ U
C = 3.3 V
Linearity error 0 .. I
PM
ε
L
% of I
PM
±0.8
@ U
C = 3.3 V
Gain error with respect to U
C ± 10 %
%/%
±0.4
Gain error per U
C drift
Magnetic offset voltage
@ I
P = 0 after 2.5 x IPN
V
OM
mV
±3
Reaction time @ 10 % of I
PN
t
ra
µs
2
di/dt = I
PN/µs
Response time @ 90 % of I
PN
t
r
µs
3.5
di/dt = I
PN/µs
Frequency bandwidth (- 3 dB)
BW
kHz
250
Output rms voltage noise (spectral density)
(DC .. 100 kHz)
e
no
µV/√Hz
18.9
Output voltage noise
(DC .. 20 MHz)
V
no
mVpp
40
Over-current detect
V
2.6 x I
PN
2.9 x I
PN
3.2 x I
PN
peak value
Accuracy @ I
PN
X
% of I
PN
±1.35
ε
G + εL
Accuracy @ I
PN @ TA = + 85°C
X
% of I
PN
±4.68
See formula note 1)
Accuracy @ I
PN @ TA = + 105°C
X
% of I
PN
±5.79
See formula note 1)
Note: 1) Accuracy @ I
P and XTA = ± [X + (TCG/10000) · (TA - 25) + TCVOE · 100 · (TA -25) / (Gth · IP)].


Similar Part No. - HO10-P-SP33

ManufacturerPart No.DatasheetDescription
LEM
LEM
HO10-P LEM-HO10-P Datasheet
1,013Kb / 12P
   Current Transducer
More results

Similar Description - HO10-P-SP33

ManufacturerPart No.DatasheetDescription
LEM
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
   Current Transducer
LTC600-SF LEM-LTC600-SF Datasheet
37Kb / 2P
   Current Transducer
LTC1000-S LEM-LTC1000-S Datasheet
242Kb / 4P
   Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
   Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
   Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
   Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
   Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
   Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
   Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
   Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
   Current Transducer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz